Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 116 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 116 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 112Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 113Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 114Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 115Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 116Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 117Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 118Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 119Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 120Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 151 page
background image
GD32H757xx Datasheet
115
(2)
The test was carried out under the LDO power supply mode.
Table 4-42. ADC static accuracy at fADC = 80 MHz VREFP = 3.3 V(1)(2)
Symbol
Parameter
Test conditions
Typ
Max
Unit
EO
Offset error
fADC = 80 MHz
VREFP = 3.3 V
Input Frequency = 1
kHz
Single ended
±1
—
LSB
Differential
±0.5
—
DNL
Differential linearity
error
Single ended
±0.5
—
Differential
±0.5
—
INL
Integral linearity error
Single ended
±1.5
—
Differential
±0.9
—
(1)
Guaranteed by characterization results for BGA packages. The values for LQFP packages might differ.
(2)
The test was carried out under the LDO power supply mode.
4.15.
High-precision temperature sensor characteristics
Table 4-43. High-precision temperature sensor characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V25(1)
Uncalibrated Offset
TJ = 25°C
—
1005.62
—
mV
EOFF(1)
Uncalibrated Offset Error
TJ = 25°C
—
1.5
—
mV
Avg_Slope(1)
Average slope
—
—
3.3
—
mV/°C
EM(1)
Slope Error
—
—
30
—
μV/°C
LIN(2)
Linearity
TJ = -40 °C to
125 °C
—
1.5
—
°C
ts_temp
ADC sampling time
when reading the
temperature
—
10
—
—
μs
tON(1)
Turn-on Time
fADC = 5 MHz,
ts_temp = 10 μs
—
37.8
—
μs
ETOT(1)(3)(4)(5)
Temp Sensor Error
Using Typical Slope and
Factory-Calibrated
Offset
TJ = -40 °C to
125 °C
—
-2~4
—
°C
(1)
Value guaranteed by design, not 100% tested in production.
(2)
Value guaranteed by characterization, not 100% tested in production.
(3)
The error is the average result of 100 times and represents the temperature error of chip junction at the location
where it is placed on die. The chip self-heating shall be considered when testing ambient temperature.
(4)
The error caused by ADC conversion and provided temperature calculation formula is not included.
(5)
Note: ADC2 clock should not be configured greater than 5MHz and the sampling time should greater than
ts_temp when use the high precision temperature sensor by ADC conversion.
Table 4-44. High-precision temperature sensor calibration values
Symbol
Parameter
Memory address
HPTS_CAL
High-precision temperature sensor raw
data acquired value at 25°C,VREFP = 3.3 V
0x1FF0F7C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com