Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 118 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 118 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 114Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 115Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 116Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 117Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 118Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 119Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 120Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 121Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 122Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 151 page
background image
GD32H757xx Datasheet
117
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
3.3V
VREFS = 11
1.8
—
3.6
Degraded
mode
VREFS = 00
1.71
—
2.8
VREFS = 01
1.71
—
2.4
VREFS = 10
1.71
—
2.1
VREFS = 11
1.71
—
1.8
VREFBUF_O
UT
Voltage Reference
Buffer Output
Normal
mode, at
3.3 V,
-40 ~
85 °C(2)
VREFS = 00
2.493
2.5
2.507
VREFS = 01
2.052
2.0585
2.065
VREFS = 10
1.801
1.8072
1.814
VREFS = 11
1.502
1.5065
1.512
Degraded
mode
VREFS = 00
VDDA -50mV
—
VDDA
VREFS = 01
VDDA -50mV
—
VDDA
VREFS = 10
VDDA -50mV
—
VDDA
VREFS = 11
VDDA -
210mV
—
VDDA
TRIM
Trim step resolution
—
—
0.14
0.152
%
CL
Load capacitor
—
0.5
1
1.5
μF
ESR
Equivalent Serial
Resistor of CL
—
—
—
2
Ω
ILOAD
Load current
—
—
—
4
mA
tSTART
Start-up time
CL = 0.5 μF
—
—
546
—
μs
CL = 1 μF
—
—
546
—
CL = 1.5 μF
—
—
546
—
IDDA
(VREFBUF)
VREFBUF
consumption from
VDDA
ILOAD = 0
μA
—
—
75.4
88.4
μA
ILOAD = 500
μA
—
—
75.7
88.8
ILOAD = 4
mA
—
—
75.8
89.1
IINRUSH
Control of maximum
DC current drive on
VREFBUF_OUT during
startup phase
—
—
11
—
mA
Regu(LINE)
Line regulation
2.8 V ≤
VDDA ≤ 3.6
V
Iload = 500 μA
—
236
—
ppm
/V
Iload = 4 mA
—
264
—
Regu(LOAD
)
Load regulation
500 μA ≤
ILOAD ≤ 4
mA
Normal mode
—
66
—
ppm
/ mA
TCOEFF
Temperature drift
−40 °C < TJ < +125 °C
—
—
TCOEFF(
VREFINT)
+30
ppm
/ °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com