Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 121 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 121 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 117Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 118Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 119Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 120Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 121Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 122Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 123Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 124Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 125Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 151 page
background image
GD32H757xx Datasheet
120
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
OFF
RBON(1)
Output impedance sample
and hold mode, output
buffer ON
DAC output buffer ON
—
—
1.5
kΩ
RBOFF(1)
Output impedance sample
and hold mode, output
buffer OFF
DAC output buffer OFF
—
—
1.5
CLOAD(1)
Capacitive load
DAC output buffer ON
—
—
50
pF
CSH(1)
Sample and Hold mode
—
0.1
1
µF
VDAC_OUT
Voltage on DAC_OUT
output
DAC output buffer ON
0.2
—
VDDA-
0.2
V
DAC output buffer OFF
0
—
VDDA-
1LSB
V
tSETTLING(1)
Settling time (full scale: for
a 12-bit code transition
between the lowest and the
highest input codes when
DAC_OUT reaches the
final value of ±0.5 LSB,
±1 LSB, ±2 LSB, ±4 LSB,
± 8 LSB)
Normal mode, DAC
output buffer ON, CL
≤ 50 pF,
RL ≥ 5 kΩ
±1 LSB
—
1.06
—
µs
±2 LSB
—
0.38
—
±4 LSB
—
0.33
—
±8 LSB
—
0.30
—
Normal mode, DAC output buffer
OFF, ±1LSB CL = 10 pF
—
1.95
2.5
tWAKEUP(1)
Wakeup time from off state
(setting the ENx bit in the
DAC Control register) until
the final value of ±1 LSB is
reached
Normal mode, DAC output buffer
ON, CL ≤ 50 pF, RL = 5 kΩ
—
5
10
µs
Normal mode, DAC output buffer
OFF, CL ≤ 10 pF
—
2
5
PSRR
Power supply rejection
ratio(to VDDA)
No RLoad, CLOAD = 50 pF
50
70
—
dB
tSAMP(1)
Sampling time in Sample
and Hold mode
CL = 100 nF
(code transition between
the lowest input code and
the highest input code
when DAC_OUT reaches
the ±1LSB final value)
MODE<2:0>_V12 = 100 / 101
(BUFFER ON)
—
0.8
1.1
ms
MODE<2:0>_V12 = 110 (BUFFER
OFF)
—
9.20
10.5
MODE<2:0>_V12 = 111 (INTERNAL
BUFFER OFF)
—
1.75
2.30
µs
CIint
Internal sample and hold
capacitor
—
5.5
7
8.5
pF
tTRIM
Middle code offset trim time
Minimum time to verify the each
code
100
—
—
µs
Voffset
Middle code offset for 1
VREFP = 3.6 V
—
870
—
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com