Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 122 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 122 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 118Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 119Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 120Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 121Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 122Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 123Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 124Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 125Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 126Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 151 page
background image
GD32H757xx Datasheet
121
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
trim code step
VREFP = 1.8 V
—
435
—
IDDA(1)(2)
DAC current consumption
in quiescent mode
DAC output buffer ON
No load,
middle code
(0x800)
—
330
—
μA
No load,
worst code
(0xF1C)
—
330
—
DAC output buffer OFF
No load,
middle/
worst code
(0x800)
—
1
—
Sample and Hold mode, CSH = 100
nF
—
330*TON/
(TON+TOFF
)
—
IDDVREFP(1)
DAC current consumption
in quiescent mode
DAC output buffer ON
No load,
middle code
(0x800)
—
100
—
μA
No load,
worst code
(0xF1C)
—
300
—
DAC output buffer OFF
No load,
middle code
(0x800)
—
85
—
Sample and Hold mode, Buffer ON,
CSH = 100 nF (middle code)
—
100*TON/
(TON+TOFF
)
—
Sample and Hold mode, Buffer OFF,
CSH = 100 nF (middle code)
—
85*TON/
(TON+TOFF
)
—
(1)
Value guaranteed by design, not 100% tested in production.
(2)
TON is the refresh phase duration, while TOFF is the hold phase duration. Refer to the product reference manual
for more details.
Table 4-54. DAC accuracy
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
DNL(2)
Differential non
linearity
DAC output buffer ON
—
—
±2
LSB
DAC output buffer OFF
—
—
±2
INL(2)
Integral non linearity
DAC output buffer ON
—
—
±4
LSB
DAC output buffer OFF
—
—
±4
Offset(1)
Offset error at code
0x800
DAC output buffer ON
VREFP = 3.6 V
—
—
±15
LSB
VREFP = 1.8 V
—
—
±30
DAC output buffer OFF
—
—
±8
OffsetCal(2)
Offset error at code DAC output buffer ON VREFP = 3.6 V
—
—
±6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com