Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 119 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 119 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 115Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 116Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 117Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 118Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 119Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 120Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 121Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 122Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 123Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 151 page
background image
GD32H757xx Datasheet
118
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PSRR
Power supply
rejection
DC
—
—
65
—
dB
100 kHz
—
—
35
—
(1)
Value guaranteed by design, not 100% tested in production.
(2)
Value guaranteed by characterization, not 100% tested in production.
4.19.
CMP characteristics
Table 4-49. CMP characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VDDA
Operating voltage
—
1.71
3.3
3.6
V
VIN
Input voltage range
—
0
—
VDDA
V
VSC
Scaler offset voltage
—
—
3.5
11
mV
IDDA(SCALER)
Scaler static consumption
from VDDA
BRG_EN=0 (bridge disable)
—
200
226
μA
BRG_EN=1 (bridge enable)
—
800
942
tSTART_SCALER
Scaler startup time
—
—
—
120
μs
tD(2)
Propagation delay for 200
mV step with 100 mV
overdrive
Ultra-low power mode
—
612
1217
ns
Medium power mode
—
102
165
ns
High speed power mode
—
32.4
54
ns
Propagation delay for
step > 200 mV with 100
mV overdrive only on
positive inputs
Ultra-low power mode
—
930
1650
ns
Medium power mode
—
127
178
ns
High speed power mode
—
35.4
58
ns
tSTART
Comparator startup time to
reach propagation delay
specification
High-speed mode
—
—
1.4
μs
Medium mode
—
—
2.1
Ultra-low-power mode
—
—
11.6
IDDA(CMP)
Current consumption from
VDDA
Ultra-low
power mode
Static
—
419
434
nA
With 50 kHz
±100 mV
overdrive
square signal
—
1890
—
Medium power
mode
Static
—
4.25
4.30
μA
With 50 kHz
±100 mV
overdrive
square signal
—
3.95
—
High speed
power mode
Static
—
45.4
46.2
With 50 kHz
±100 mV
overdrive
square signal
—
40.5
—
Voffset
Offset error
—
—
4
18
mV
Vhyst
Hysteresis Voltage
No Hysteresis
—
0
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com