Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 128 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 128 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 124Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 125Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 126Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 127Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 128Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 129Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 130Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 131Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 132Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 151 page
background image
GD32H757xx Datasheet
127
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
frequency
DutyCKOUT
Output clock
frequency duty
cycle
—
30
50
75
%
twh(CKIN)
twl(CKIN)
Input clock high and
low time
SPI mode(SITYP[1:0] = 01),
External clock
mode(SPICKSS[1:0] = 0)
TCKIN / 2-
0.5
TCKIN /
2
—
ns
tSU
Data input setup
time
SPI mode(SITYP[1:0] = 01),
External clock
mode(SPICKSS[1:0] = 0)
1
—
—
th
Data input hold time
SPI mode(SITYP[1:0] = 01),
External clock
mode(SPICKSS[1:0] = 0)
1
—
—
TManchester
Manchester data
period(recovered
clock period)
Manchester mode(SITYP[1:0] =
10 or 11), Internal clock
mode(SPICKSS[1:0] ≠ 0)
(CKOUT
DIV+1)*T
HPDFCLK
—
(2*CKOU
TDIV)*TH
PDFCLK
(1)
Value guaranteed by design, not 100% tested in production.
(2)
Output speed is set to OSPEEDRy[1:0] = 10
;Capacitive load C = 30 pF;Measurement points are done at
COMS levels: 0.5 * VDD.
4.27.
SAI characteristics
Table 4-61. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMCK
SAI Main clock output
—
—
—
50
MHz
fCK
SAI clock frequency
Master
transmitter, 2.7 V ≤ VDD ≤ 3.6
V
—
—
45
Master transmitter, 1.71 V ≤ VDD ≤
3.6 V
—
—
32
Master receiver, 1.71 V ≤ VDD ≤ 3.6
V
—
—
32
Slave transmitter, 2.7 V ≤ VDD ≤ 3.6
V
—
—
47.5
Slave transmitter, 1.71 V ≤ VDD ≤ 3.6
V
—
—
41.5
Slave
receiver, 1.71 V ≤ VDD ≤ 3.6 V
—
—
50
(1)
Value guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com