Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 131 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 131 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 127Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 128Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 129Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 130Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 131Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 132Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 133Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 134Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 135Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 151 page
background image
GD32H757xx Datasheet
130
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tSCK(H)
SCK clock high time
Fplckx = 300 MHz
13.3
—
—
ns
tSCK(L)
SCK clock low time
Fplckx = 300 MHz
13.3
—
—
ns
(1)
Value guaranteed by design, not 100% tested in production.
Table 4-64. USART characteristics
in Smartcard mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
SCK clock frequency
Fplckx = 300 MHz
—
—
150
MHz
tSCK(H)
SCK clock high time
Fplckx = 300 MHz
3.33
—
—
ns
tSCK(L)
SCK clock low time
Fplckx = 300 MHz
3.33
—
—
ns
(1)
Value guaranteed by design, not 100% tested in production.
4.30.
SDIO characteristics
Table 4-65. SDIO characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP(3)
Clock frequency in data transfer
mode
—
0
—
120
MHz
tW(CKL) (3)
Clock low time
fpp = 52 MHz
—
9.63
—
ns
tW(CKH) (3)
Clock high time
fpp = 52 MHz
—
9.58
—
ns
CMD, D inputs (referenced to CK) in MMC and SD HS mode
tISU(4)
Input setup time HS
—
3
—
—
ns
tIH(4)
Input hold time HS
—
1
—
—
ns
CMD, D outputs (referenced to CK) in MMC and SD HS mode
tOV(3)
Output valid time HS
—
—
5.5
6
ns
tOH(3)
Output hold time HS
—
4
—
—
ns
CMD, D inputs (referenced to CK) in SD default mode
tISUD(4)
Input setup time SD
—
2
—
—
ns
tIHD(4)
Input hold time SD
—
1
—
—
ns
CMD, D outputs (referenced to CK) in SD default mode
tOVD(3)
Output valid default time SD
—
—
1
1
ns
tOHD(3)
Output hold default time SD
—
0
—
—
ns
(1)
CLK timing is measured at 50% of VDD.
(2)
Capacitive load CL = 30 pF.
(3)
Value guaranteed by characterization, not 100% tested in production.
(4)
Value guaranteed by design, not 100% tested in production.
4.31.
CAN characteristics
Refer to Table 4-28. I/O static characteristics for more details on the input/output alternate
function characteristics (CANTX and CANRX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com