Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 134 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 134 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 130Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 131Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 132Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 133Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 134Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 135Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 136Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 137Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 138Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 151 page
background image
GD32H757xx Datasheet
133
Symbol
Parameter
Min
Max
Unit
tsu(DATA_NOE)
Data to EXMC_NOEx high setup time
4*Tfclk-1
—
ns
th(DATA_NOE)
Data hold time after EXMC_NOE high
0
—
ns
th(DATA_NE)
Data hold time after EXMC_NEx high
0
—
ns
tv(NADV_NE)
EXMC_NEx low to EXMC_NADV low
0
—
ns
tw(NADV)
EXMC_NADV low time
Tfclk-1
Tfclk+1
ns
(1)
CL = 30 pF.
(2)
Value guaranteed by design, not 100% tested in production.
Table 4-72. Asynchronous non-multiplexed SRAM / PSRAM / NOR write timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(NE)
EXMC_NE low time
3*Tfclk-1
3*Tfclk+1
ns
tV(NWE_NE)
EXMC_NEx low to EXMC_NWE low
Tfclk-1
—
ns
tw(NWE)
EXMC_NWE low time
Tfclk-1
Tfclk+1
ns
th(NE_NWE)
EXMC_NWE high to EXMC_NE high hold time
Tfclk-1
Tfclk+1
ns
tv(A_NE)
EXMC_NEx low to EXMC_A valid
0
—
ns
tV(NADV_NE)
EXMC_NEx low to EXMC_NADV low
0
—
ns
tw(NADV)
EXMC_NADV low time
Tfclk-1
Tfclk+1
ns
th(AD_NADV)
EXMC_AD(address) valid hold time after
EXMC_NADV high
2*Tfclk-1
—
ns
th(A_NWE)
Address hold time after EXMC_NWE high
Tfclk-1
—
ns
th(BL_NWE)
EXMC_BL hold time after EXMC_NWE high
Tfclk-1
—
ns
tv(BL_NE)
EXMC_NEx low to EXMC_BL valid
0
—
ns
tv(DATA_NADV)
EXMC_NADV high to DATA valid
0
—
ns
th(DATA_NWE)
Data hold time after EXMC_NWE high
Tfclk-1
—
ns
(1)
CL = 30 pF.
(2)
Value guaranteed by design, not 100% tested in production.
Table 4-73. Asynchronous multiplexed PSRAM / NOR read timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(NE)
EXMC_NE low time
7*Tfclk-1
7*Tfclk+1
ns
tV(NOE_NE)
EXMC_NEx low to EXMC_NOE low
3*Tfclk-1
—
ns
tw(NOE)
EXMC_NOE low time
4*Tfclk-1
4*Tfclk+1
ns
th(NE_NOE)
EXMC_NOE high to EXMC_NE high hold time
0
—
ns
tv(A_NE)
EXMC_NEx low to EXMC_A valid
0
—
ns
tv(A_NOE)
Address hold time after EXMC_NOE high
0
—
ns
tv(BL_NE)
EXMC_NEx low to EXMC_BL valid
0
—
ns
th(BL_NOE)
EXMC_BL hold time after EXMC_NOE high
0
—
ns
tsu(DATA_NE)
Data to EXMC_NEx high setup time
4*Tfclk-1
—
ns
tsu(DATA_NOE)
Data to EXMC_NOEx high setup time
4*Tfclk-1
—
ns
th(DATA_NOE)
Data hold time after EXMC_NOE high
0
—
ns
th(DATA_NE)
Data hold time after EXMC_NEx high
0
—
ns
tv(NADV_NE)
EXMC_NEx low to EXMC_NADV low
0
—
ns
tw(NADV)
EXMC_NADV low time
Tfclk-1
Tfclk+1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com