Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 132 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 132 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 128Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 129Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 130Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 131Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 132Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 133Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 134Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 135Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 136Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 151 page
background image
GD32H757xx Datasheet
131
4.32.
USBHS characteristics
Table 4-66. USBHS DC electrical characteristics(1)
Symbol
Parameter
Conditions
Min Typ Max Unit
VDD
USB operating voltage
—
3
—
3.6
V
LS/FS FUNCTIONALITY
Input
levels
VDIFS Differential input sensitivity(FS / LS)
—
0.2
—
—
V
VCMFS
Differential common mode range(FS
/ LS)
Includes VDI range
0.8
—
2.5
VILSE
Single ended receiver low level
input voltage(FS / LS)
—
—
—
0.8
VIHSE
Single ended receiver high level
input voltage(FS / LS)
—
2.0
—
—
Output
levels
VOLFS
Static output level low(FS / LS)
RL of 1.0 kΩ to 3.63 V
—
—
0.3
V
VOHFS
Static output level high(FS / LS)
RL of 15 kΩ to VSS
2.8
3.3
3.6
RPD
USBHS_DM/DP
VIN = VDD
17.6
21 24.7
kΩ
PA9(USBHS_VBUS)
0.77
0.9
1.1
RPU
USBHS_DM/DP
VIN = VSS
1.3
1.5 1.83
PA9(USBHS_VBUS)
0.28
0.3 0.42
ZHSDRV
Driver Output Impedance
Steady state drive
40.5
45 49.5
Ω
HS FUNCTIONALITY
Input
levels
VDIHS
Differential input sensitivity(HS)
—
0.1
—
—
V
VCMHS
Differential common mode
range(HS)
—
-50
—
500
mV
VHSSQ
HS Squelch Detection Threshold
—
100
—
150
mV
VHSDSC
HS Disconnect Threshold
—
525
—
625
mV
Output
levels
VOLHS High speed low level output voltage
45 Ω load
-10
—
10
mV
VOHHS
High speed high level output
voltage
45 Ω load
360
400 440
mV
(1)
Value guaranteed by design, not 100% tested in production.
Table 4-67. USBHS dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TFR
Rise time
(FS / LS)
CL = 50 pF
4
5
20
ns
THSR
Differential Rise Time(HS)
—
500
600
—
ps
TFF
Fall time
(FS / LS)
CL = 50 pF
4
5
20
ns
THSF
Differential Fall Time(HS)
—
500
600
—
ps
tRFM
Rise/ fall time matching
(FS / LS)
tR / tF
90
—
110
%
vCRS
Output signal crossover
voltage
(FS / LS)
—
1.3
—
2.0
V
(1)
Value guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com