Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 3Page - STMicroelectronics STA027 Datasheet HTML 4Page - STMicroelectronics STA027 Datasheet HTML 5Page - STMicroelectronics STA027 Datasheet HTML 6Page - STMicroelectronics STA027 Datasheet HTML 7Page - STMicroelectronics STA027 Datasheet HTML 8Page - STMicroelectronics STA027 Datasheet HTML 9Page - STMicroelectronics STA027 Datasheet HTML 10Page - STMicroelectronics STA027 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
STA027
2 Pins description and connection diagram
CD00066274
7/44
34
IODATA6
I/O
GPIODATA6
35
IODATA7
I/O
GPIODATA7
44
IODATA8
I/O
GPIODATA8
45
IODATA9
I/O
GPIODATA9
46
IODATA10
I/O
GPIODATA10
47
IODATA11
I/O
GPIODATA11
48
IODATA12
I/O
GPIODATA12
49
IODATA13
I/O
GPIODATA13
50
IODATA14
I/O
GPIODATA14
51
IODATA15
I/O
GPIODATA15
HANDSHAKE SIGNALS
59
RQST
O
I2C data signal
To MCU
60
STB
I
Strobe signal
From MCU
I2C LINK
63
SCL
I
I2C clock signal
From MCU
64
SDA
I/O
I2C data signal
To MCU
MISCELLANEOUS
15
-RESET
I
Reset
16
-TESTEN
I
Reserved for test purpose
17
XTI
I
Oscillator input
18
XTO
O
Oscillator output
25
CLKOUT
O
Buffered output clock
38
FILT1
PLL external filter
40
FILT0
I
PLL external filter
POWER SUPPLY
5
VDD_1
Digital supply (2.5V Power Supply)
6
VSS_1
Ground
10
VDD_2
Digital supply (2.5V Power Supply)
11
VSS_2
Ground
23
VCC_1
Digital supply (3.3V Power Supply)
24
VSS_3
Ground
29
VDD_3
Digital supply (2.5V Power Supply)
30
VSS_4
Ground
Table 1.
pin description
PIN
Pin Name
Type
Description
Source/Dest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com