Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 21Page - STMicroelectronics STA027 Datasheet HTML 22Page - STMicroelectronics STA027 Datasheet HTML 23Page - STMicroelectronics STA027 Datasheet HTML 24Page - STMicroelectronics STA027 Datasheet HTML 25Page - STMicroelectronics STA027 Datasheet HTML 26Page - STMicroelectronics STA027 Datasheet HTML 27Page - STMicroelectronics STA027 Datasheet HTML 28Page - STMicroelectronics STA027 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
STA027
5 Register description
CD00066274
25/44
Note:
that embedded default configuration for GPSO can be retrieved by user thanks to following
setting :
–
GPSO_CONF = b00000011;
Note:
that embedded default configuration for PCM block is described at previous chapter.
5.5.2
GPSO_CONF :
Address : 0x6A (106)
Type : RW - DEC
Software Reset : 0
Description :
If OUTPUT_CONF == 1, this register configure the GPSO interface
Table 13.
.
OC1
Use of block PCM to generate clocks (PCMCK, LRCK & BCK):
0 : no use.
1 : use it.
OC2
Configuration of PCM block:
0 : take embedded default configuration.
1 : configure PCM block from PCM_DIV & PCM_CONF registers.
b7
b6
b5
b4
b3
b2
b1
b0
CF7
CF6
CF5
CF4
CF3
CF2
CF1
CF0
Bit fields
Comment
CF0
Polarity of GPSO_CK :
0 : data provided on rising edge & stable on falling edge
1 : data provided on falling edge & stable on rising edge
CF1
Polarity of GPSO_REQ :
0 : data are valid when GPSO_REQ is high
1 : data are valid when GPSO_REQ is low
CF[7:2]
Reserved : to be set to 0.
Table 12.
Bit fields
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com