Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 29Page - STMicroelectronics STA027 Datasheet HTML 30Page - STMicroelectronics STA027 Datasheet HTML 31Page - STMicroelectronics STA027 Datasheet HTML 32Page - STMicroelectronics STA027 Datasheet HTML 33Page - STMicroelectronics STA027 Datasheet HTML 34Page - STMicroelectronics STA027 Datasheet HTML 35Page - STMicroelectronics STA027 Datasheet HTML 36Page - STMicroelectronics STA027 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
STA027
5 Register description
CD00066274
33/44
This register gives the index of the sampling frequency of the stream currently decoded. Note
that sampling frequency indexes are given by table 5
5.9.4
STATUS_FE :
Address : 0x6F (111)
Type : RO - AEC
Software Reset : 0
Description :
This register give the status of the synchronization process according following table.
Table 19.
5.9.5
HEADER _n:
Address : 0xD4 (212) to 0xD9 (217)
Type : RO - EDF
Software Reset : 0
Description :
This register give the nth byte of the header of the frame currently decoded
5.10
MIX_CONFIGURATION registers description
5.10.1 MIX_MODE:
Address : 0x7B (123)
Type : RW - ABO
Software Reset : 2
b7
b6
b5
b4
b3
b2
b1
b0
Value
Level
0
Syncrho not started
1
Syncword found
2
Syncword search
3
Syncword hard to find
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com