Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 18Page - STMicroelectronics STA027 Datasheet HTML 19Page - STMicroelectronics STA027 Datasheet HTML 20Page - STMicroelectronics STA027 Datasheet HTML 21Page - STMicroelectronics STA027 Datasheet HTML 22Page - STMicroelectronics STA027 Datasheet HTML 23Page - STMicroelectronics STA027 Datasheet HTML 24Page - STMicroelectronics STA027 Datasheet HTML 25Page - STMicroelectronics STA027 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
5 Register description
STA027
22/44
CD00066274
5.3.10 PLL_SYSTEM_MDIV_42_5 :
Address : 0xEA (234)
Type : RW - DEC
Software Reset : 10
Description :
This register must contain a MDIV value that enables the system PLL to generate a frequency
of 42.5 MHz for the SYSCK.See table 4.
Default value at soft reset assume :
–
external crystal provide a CRYCK running at 14.31818 MHz
5.4
I2Sout_CONFIGURATION registers description
5.4.1
OUTPUT_CONF :
Address : 0x66 (102)
Type : RW - DEC
Software Reset : 0
Description :
If set to 1 enable the configurability of the PCM-BLOCK Output thanks to following registers,
else disable this configurability and take embedded default configuration for PCM-BLOCK
registers.
Note that this embedded default configuration can be retrieved by user thanks to following
setting :
–PCM_DIV = 3;
–PCM_CONF = 0;
–
PCM_CROSS = 0;
5.4.2
PCM_DIV :
Address : 0x67 (103)
Type : RW - DEC
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
0
0
DV5
DV4
DV3
DV2
DV1
DV0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com