Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 36Page - STMicroelectronics STA027 Datasheet HTML 37Page - STMicroelectronics STA027 Datasheet HTML 38Page - STMicroelectronics STA027 Datasheet HTML 39Page - STMicroelectronics STA027 Datasheet HTML 40Page - STMicroelectronics STA027 Datasheet HTML 41Page - STMicroelectronics STA027 Datasheet HTML 42Page - STMicroelectronics STA027 Datasheet HTML 43Page - STMicroelectronics STA027 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
7 I/O CELL DESCRIPTION
STA027
40/44
CD00066274
7
I/O CELL DESCRIPTION
7.1
TTL Tristate Output Pad Buffer, 3V capable 4mA, with Slew
Rate Control
Pin numbers: 4, 18, 20, 21, 22, 25, 54, 56, 59
7.2
TTL Schmitt Trigger Bidir Pad Buffer, 3V capable, 4mA, with
Slew Rate Control
Pin numbers: 1, 2, 3, 7, 8, 9, 19
7.3
TTL Schmitt Trigger Inpud Pad Buffer, 3V capable
Pin numbers:17, 60, 63
7.4
TTL Inpud Pad Buffer, 3V capable with Pull-Up
Pin numbers:15, 16
INPUT PIN
MAX LOAD
Z
100pF
INPUT PIN
CAPACITANCE
OUTPUT
PIN
MAX
LOAD
IO
TBD
IO
100pF
INPUT PIN
CAPACITANCE
ATBD
INPUT PIN
CAPACITANCE
ATBD
EN
A
D98AU904
Z
EN
A
D98AU905
ZI
IO
EN
A
D98AU905
ZI
IO
A
D98AU907
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com