Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 32Page - STMicroelectronics STA027 Datasheet HTML 33Page - STMicroelectronics STA027 Datasheet HTML 34Page - STMicroelectronics STA027 Datasheet HTML 35Page - STMicroelectronics STA027 Datasheet HTML 36Page - STMicroelectronics STA027 Datasheet HTML 37Page - STMicroelectronics STA027 Datasheet HTML 38Page - STMicroelectronics STA027 Datasheet HTML 39Page - STMicroelectronics STA027 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
5 Register description
STA027
36/44
CD00066274
Description :
This register specifies the low cut frequency: fcut(in Hz) = (TONE_FCUTL+1)*10
5.11.4 TONE_GAINH :
Address : 0x78 (120)
Type : RW - ABO
Software Reset : 12
Description :
This register specifies the gain on high frequencies: gain(in Db)=(TONE_GAINH-12)*1.5
5.11.5 TONE_GAINL :
Address : 0x79 (121)
Type : RW - ABO
Software Reset : 12
Description :
This register specifies the gain on high frequencies: gain (in Db)=(TONE_GAINL-12)*1.5. Value
of register from 0 to 24.
5.11.6 TONE_GAIN_ATTEN :
Address : 0x7A (122)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the attenuation on global spectrum: gain (in dB)=-
TONE_GAIN_ATTEN*1.5. Value of register from 0 to 12.
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com