Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 4Page - STMicroelectronics STA027 Datasheet HTML 5Page - STMicroelectronics STA027 Datasheet HTML 6Page - STMicroelectronics STA027 Datasheet HTML 7Page - STMicroelectronics STA027 Datasheet HTML 8Page - STMicroelectronics STA027 Datasheet HTML 9Page - STMicroelectronics STA027 Datasheet HTML 10Page - STMicroelectronics STA027 Datasheet HTML 11Page - STMicroelectronics STA027 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
2 Pins description and connection diagram
STA027
8/44
CD00066274
Figure 4.
Table 2.
Thermal Data
36
VDD_4
Digital supply (2.5V Power Supply)
37
VSS_5
Ground
39
PLL_VCC
Digital supply (2.5V Power Supply)
41
PLL_GND
Ground
42
VCC_2
Digital supply (3.3V Power Supply)
43
VSS_6
Ground
52
VSS_7
Ground
53
VDD_5
Digital supply (2.5V Power Supply)
57
VSS_8
Ground
58
VCC_3
Digital supply (3.3V Power Supply)
61
VSS_9
Ground
62
VDD_6
Digital supply (2.5V Power Supply)
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance Junction to Ambient
85
°C/W
Table 1.
pin description
PIN
Pin Name
Type
Description
Source/Dest
1
2
3
5
6
4
7
8
9
10
27
11
28 29 30 31 32
59 58 57 56
54
55
53 52 51 50 49
43
42
41
39
38
40
48
47
46
44
45
VSS_1
VDD_1
DREQ
BSO_BCK
BSO_LRCK
BSO_DATA
VSS_2
VDD_2
BSI_DATA
BSI_LRCK
BSI_BCK
VSS_6
VCC_2
PLL_GND
PLL_VCC
FILT1
FILT0
IODATA12
IODATA11
IODATA10
IODATA8
IODATA9
D00AU1227
22 23 24 25 26
60
61
62
63
64
17 18 19 20 21
37
36
34
33
35
VSS_5
VDD_4
IODATA6
IODATA5
IODATA7
12
13
14
15
16
TESTEN
RESET
SDI
LRCK1
BCKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com