Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 10Page - STMicroelectronics STA027 Datasheet HTML 11Page - STMicroelectronics STA027 Datasheet HTML 12Page - STMicroelectronics STA027 Datasheet HTML 13Page - STMicroelectronics STA027 Datasheet HTML 14Page - STMicroelectronics STA027 Datasheet HTML 15Page - STMicroelectronics STA027 Datasheet HTML 16Page - STMicroelectronics STA027 Datasheet HTML 17Page - STMicroelectronics STA027 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
5 Register description
STA027
14/44
CD00066274
5
Register description
5.1
Version registers description
5.1.1
VERSION :
Address : 0x00 (0)
Type : RO - DWT
Software Reset : 0x10
Hardware Reset : 0x10
Description :
The VERSION register is Read-only and it is used to identify the IC on the application board.
5.1.2
IDENT :
Address : 0x01 (1)
Type : RO - DWT
Software Reset : 0xAC
Hardware Reset : 0xAC
Description :
IDENT is a read-only register and it is used to identify the IC on an application board. IDENT
always has the value 0xAC.
5.1.3
SOFT_VERSION :
Address : 0xD3 (211)
Type : RO - DWT
Software Reset : X
Description :
The SOFT_VERSION register is Read-only and it is used to identify the software running on
the IC.
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
10101100
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com