Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 23Page - STMicroelectronics STA027 Datasheet HTML 24Page - STMicroelectronics STA027 Datasheet HTML 25Page - STMicroelectronics STA027 Datasheet HTML 26Page - STMicroelectronics STA027 Datasheet HTML 27Page - STMicroelectronics STA027 Datasheet HTML 28Page - STMicroelectronics STA027 Datasheet HTML 29Page - STMicroelectronics STA027 Datasheet HTML 30Page - STMicroelectronics STA027 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
STA027
5 Register description
CD00066274
27/44
5.6.3
I_AUDIO_CONFIG_2 :
Address : 0x5C (92)
Type : RW - DEC
Software Reset : 0
Description :
See I_AUDIO_CONFIG_3 register description..
5.6.4
I_AUDIO_CONFIG_3 :
Address : 0x5D (93)
Type : RW - DEC
Software Reset : 0
Description :
If INPUT_CONF == 1, this register is used to configure the phase of the LRCK of the I2Sin.
CF3
Polarity of LR clock LRCK :
0 : negative
1 : positive
CF4
Start value of LRCK : combined with CF3, this bit enable user to determine left/right
couple according to the following table.
CF[7:5]
Reserved : to be set to 0.
Table 15.
CF3
CF4
Left/Right couples
0
0
(data1/data2), (data3/data4),...
1
0
(data0/data1), (data2/data3),...
0
1
(data0/data1), (data2/data3),...
1
1
(data1/data2), (data3/data4),...
b7
b6
b5
b4
b3
b2
b1
b0
LR7
LR6
LR5
LR4
LR3
LR2
LR1
LR0
b7
b6
b5
b4
b3
b2
b1
b0
000000
LR9
LR8
Table 14.
Bit fields
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com