Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 6Page - STMicroelectronics STA027 Datasheet HTML 7Page - STMicroelectronics STA027 Datasheet HTML 8Page - STMicroelectronics STA027 Datasheet HTML 9Page - STMicroelectronics STA027 Datasheet HTML 10Page - STMicroelectronics STA027 Datasheet HTML 11Page - STMicroelectronics STA027 Datasheet HTML 12Page - STMicroelectronics STA027 Datasheet HTML 13Page - STMicroelectronics STA027 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
3 Electrical Specification
STA027
10/44
CD00066274
Table 6.
DC electrical characteristics
Note: 1 Takes into account 200mV voltage drop in both supply lines.
2 X is the source/sink current under worst case conditions and is reflected in the name of the I/O
cell according to the drive capability.
Table 7.
Note: 1 Min. condition: VDD = 2.7V, 125°C Min process Max. condition: VDD = 3.6V, -20°C Max.
Table 8.
Power Dissipation
Note:
power measurements refer to encoder mode.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
VIL
Low Level Input Voltage
0.2*VCC
V
VIH
High Level Input Voltage
0.8*VCC
V
Vol
Low Level Output Voltage
Iol = Xma
0.4V
V
1, 2
Voh
High Level Output Voltage
0.85*VCC
V1, 2
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Ipu
Pull-up current
Vi = 0V; pin numbers 7, 24
and 26
-25
-66
-125
µA1
Rpu
Equivalent Pull-up
Resistance
50
k
Ω
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
PD
Power Dissipation@ VDD =
2.4V
Sampling_freq
≤24 kHz
165
mW
Sampling_freq
≤32 kHz
170
mW
Sampling_freq
≤48 kHz
185
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com