Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 19Page - STMicroelectronics STA027 Datasheet HTML 20Page - STMicroelectronics STA027 Datasheet HTML 21Page - STMicroelectronics STA027 Datasheet HTML 22Page - STMicroelectronics STA027 Datasheet HTML 23Page - STMicroelectronics STA027 Datasheet HTML 24Page - STMicroelectronics STA027 Datasheet HTML 25Page - STMicroelectronics STA027 Datasheet HTML 26Page - STMicroelectronics STA027 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
STA027
5 Register description
CD00066274
23/44
Software Reset : 0
Description :
If OUTPUT_CONF == 1, configure the divider to generate the bit clock of the I2Sout interface,
called BCK0, from PCMCK. according the following relation : BCKO = PCMCK / 2 *
(PCM_DIV+1)
5.4.3
PCM_CONF :
Address : 0x68 (104)
Type : RW - DEC
Software Reset : 0
Description :
If OUTPUT_CONF == 1, configure the I2Sout interface according following table
Table 10.
.
b7
b6
b5
b4
b3
b2
b1
b0
0
CO6
CO5
CO4
CO3
CO2
CO1
CO0
Bit fields
Comment
CO[1:0]
0 : 16 bits mode (16 slots transmitted).
1 : 18 bits mode (18 slots transmitted).
2 : 20 bits mode (20 slots transmitted).
3 : 24 bits mode (24 slots transmitted).
CO2
Polarity of BCKO :
0 : data are sent on the falling edge & stable on the rising).
1 : (data are sent on the rising edge & stable on the falling).
CO3
0 : I2S format is selected
1 : other format is selected
CO4
Polarity of LRCKO :
0 : low->right, high->left).
1 : low->left, high->right so compliant to I2S format ).
CO5
0 : data are in the last BCKO cycles of LRCKO (right aligned data).
1 : data are in the first BCKO cycles of LRCKO (left aligned data).
CO6
0 : the transmission is LS bit first.
1 : the transmission is MS bit first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com