Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 16Page - STMicroelectronics STA027 Datasheet HTML 17Page - STMicroelectronics STA027 Datasheet HTML 18Page - STMicroelectronics STA027 Datasheet HTML 19Page - STMicroelectronics STA027 Datasheet HTML 20Page - STMicroelectronics STA027 Datasheet HTML 21Page - STMicroelectronics STA027 Datasheet HTML 22Page - STMicroelectronics STA027 Datasheet HTML 23Page - STMicroelectronics STA027 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
5 Register description
STA027
20/44
CD00066274
5.3.4
PLL_SYSTEM_XDIV_50 :
Address : 0xE9 (233)
Type : RW - DEC
Software Reset : 1
Description :
This register must contain a XDIV value that enables the system PLL to generate a frequency
of 50 MHZ for the SYSCK. See table 4.
Default value at soft reset assume :
–
external crystal provide a CRYCK running at 14.31818 MHz
5.3.5
PLL_SYSTEM_MDIV_50 :
Address : 0xEA (234)
Type : RW - DEC
Software Reset : 13
Description :
This register must contain a MDIV value that enables the system PLL to generate a frequency
of 50 MHz for the SYSCK. See table 4.
Default value at soft reset assume :
–
external crystal provide a CRYCK running at 14.31818 MHz
5.3.6
PLL_SYSTEM_PEL_42_5
Address : 0xE6 (230)
Type : RW - DEC
Software Reset : 126
Description :
This register must contain a PEL value that enables the system PLL to generate a frequency of
42.5 MHz for the SYSCK.See table 4.
Default value at soft reset assume :
–
external crystal provide a CRYCK running at 14.31818 MHz
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com