Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 35Page - STMicroelectronics STA027 Datasheet HTML 36Page - STMicroelectronics STA027 Datasheet HTML 37Page - STMicroelectronics STA027 Datasheet HTML 38Page - STMicroelectronics STA027 Datasheet HTML 39Page - STMicroelectronics STA027 Datasheet HTML 40Page - STMicroelectronics STA027 Datasheet HTML 41Page - STMicroelectronics STA027 Datasheet HTML 42Page - STMicroelectronics STA027 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
STA027
6 TABLES
CD00066274
39/44
6.1
Notations
ABO : After BOot (see I).
AEC : After External Config (see I).
BCK: Bit ClocK
BSA: BitStream input interface in Audio mode.
BSB: BitStream input interface in Burst mode.
BS: BitStream input interface.
BYPASSA : decoder BYPASS an Audio stream.
CD : input interface for CD.
CK : ClocK.
CRYCK: CRYstal ClocK provided to the chip by an external crystal.
DBO : During BOot (see I).
DEC : During External Config (see I).
DWT : During Whole Time (see I).
EDB : Every Decoded Block (see I).
EDF : Every Decoded Frame (see I).
LRCK: Left Right ClocK for an I2S interface.
ofact: oversampling factor for PCMCK (PCMCK == ofact * SF).
PCMCK: PCM ClocK (can be generated by the audio PLL).
SF: Sampling Frequency.
SYSCK: SYStem ClocK (clock of the core, can be generated by the system PLL).
X : don’t care.
6
64 kHz
8
24 kHz
9
22.05 kHz
10
16 kHz
12
12 kHz
13
11.025 kHz
14
8 kHz
16
192 kHz
17
176.4 kHz
18
128 kHz
3, 7, 11, 15 or 19
illegal frequency
Table 25.
index of the Sampling Frequency
Index
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com