Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 13Page - STMicroelectronics STA027 Datasheet HTML 14Page - STMicroelectronics STA027 Datasheet HTML 15Page - STMicroelectronics STA027 Datasheet HTML 16Page - STMicroelectronics STA027 Datasheet HTML 17Page - STMicroelectronics STA027 Datasheet HTML 18Page - STMicroelectronics STA027 Datasheet HTML 19Page - STMicroelectronics STA027 Datasheet HTML 20Page - STMicroelectronics STA027 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
STA027
5 Register description
CD00066274
17/44
5.2.6
PLL_AUDIO_PEL_176 :
Address : 0xE1 (225)
Type : RW - DEC
Software Reset : 54
Description :
This register must contain a PEL value that enables the audio PLL to generate a frequency of
ofact*176 kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
–fact == 256
–
external crystal provide a CRYCK running at 14.31818 MHz
5.2.7
PLL_AUDIO_PEH_176 :
Address : 0xE2 (226)
Type : RW - DEC
Software Reset : 118
Description :
This register must contain a PEH value that enables the audio PLL to generate a frequency of
ofact*176 kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
–
ofact == 256
–
external crystal provide a CRYCK running at 14.31818 MHz
5.2.8
PLL_AUDIO_NDIV_176 :
Address : 0xE3 (227)
Type : RW - DEC
Software Reset : 0
Description :
This register must contain a NDIV value that enables the audio PLL to generate a frequency of
ofact*176 kHz for the PCMCK.See table 1, 2 & 3.
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com