Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 28Page - STMicroelectronics STA027 Datasheet HTML 29Page - STMicroelectronics STA027 Datasheet HTML 30Page - STMicroelectronics STA027 Datasheet HTML 31Page - STMicroelectronics STA027 Datasheet HTML 32Page - STMicroelectronics STA027 Datasheet HTML 33Page - STMicroelectronics STA027 Datasheet HTML 34Page - STMicroelectronics STA027 Datasheet HTML 35Page - STMicroelectronics STA027 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
5 Register description
STA027
32/44
CD00066274
Type : RW - ABO
Software Reset : 0
Description :
For decoders having PAUSE abilities (see each decoder configuration), if set to 0 disable the
pause of the decoder, if set to 1 enable the pause of the decoder. Note that during a PAUSE the
input stream is stopped.
5.9
STATUS registers description
5.9.1
STATUS_MODE :
Address : 0xCC (204)
Type : RO - EDF
Software Reset : 0
Description :
This register give the type of the currently decoded bitstream.
5.9.2
STATUS_CHANS_NB :
Address : 0xCD (205)
Type : RO - EDF
Software Reset : 0
Description :
This register gives the number of channel currently decoded.
5.9.3
STATUS_SF :
Address : 0xCE (206)
Type : RO - EDF
Software Reset : 0
Description :
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com