Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 5Page - STMicroelectronics STA027 Datasheet HTML 6Page - STMicroelectronics STA027 Datasheet HTML 7Page - STMicroelectronics STA027 Datasheet HTML 8Page - STMicroelectronics STA027 Datasheet HTML 9Page - STMicroelectronics STA027 Datasheet HTML 10Page - STMicroelectronics STA027 Datasheet HTML 11Page - STMicroelectronics STA027 Datasheet HTML 12Page - STMicroelectronics STA027 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
STA027
3 Electrical Specification
CD00066274
9/44
3
Electrical Specification
3.1
Absolute maximum ratings
Table 3.
Absolute Maximum Ratings
3.2
Electrical characteristics
(Tamb = 25°C; Rg = 50Ω unless otherwise specified)
Table 4.
DC Operating Conditions
Table 5.
General Interface Electrical Characteristics
Note: 1 The leakage currents are generally very small, < 1nA. The value given here is a maximum that
can occur after an electrostatic stress on the pin.
2 Human Body Model.
Symbol
Parameter
Value
Unit
VDD
Digital Power Supply at 2.5V (nominal)
-0.5 to 3.3
V
VCC
Digital Power Supply at 3.3V (nominal)
-0.5 to 4
V
PLL-VCC
Analog Supply Voltage at 2.5V (nominal)
-0.5 to 3.3
V
VIH/VIL
Voltage on input pins (3.3V pads)
-0.5 to VCC +0.5
V
Tstg
Storage Temperature
-40 to +150
°C
Top
Operative ambient temp
-40 to +85(*)
°C
Tj
Operating Junction Temperature
-40 to 125
°C
Symbol
Parameter
Value
Unit
VDD
Power Supply Voltage
2.5 ± 0.25
V
VCC
Power Supply Voltage
3.3 ± 0.3
V
PLL_VCC Power Supply Voltage
2.5 ± 0.25
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
IIL
Low Level Input CurrentWithout pull-
up device
Vi = 0V
-10
10
µA1
IIH
High Level Input CurrentWithout pull-
up device
Vi = VDD
-10
10
µA1
Vesd
Electrostatic Protection
Leakage < 1
µA2000
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com