Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 24Page - STMicroelectronics STA027 Datasheet HTML 25Page - STMicroelectronics STA027 Datasheet HTML 26Page - STMicroelectronics STA027 Datasheet HTML 27Page - STMicroelectronics STA027 Datasheet HTML 28Page - STMicroelectronics STA027 Datasheet HTML 29Page - STMicroelectronics STA027 Datasheet HTML 30Page - STMicroelectronics STA027 Datasheet HTML 31Page - STMicroelectronics STA027 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
5 Register description
STA027
28/44
CD00066274
Table 16.
5.7
SDI_CONFIGURATION registers description
5.7.1
POL_REQ :
Address : 0x59 (89)
Type : WO - DEC
Software Reset : 0
Description :
This register manage the polarity of the data REQ signal DREQ of the BS input interface.
If set to 0, data are requested when REQ = 0.
If set to 1, data are requested when REQ = 1.
5.7.2
INPUT_CONF :
Address : 0x5A (90)
Type : RW - DEC
Software Reset : 0
Description :
If set to 1 enable the configurability of the BSB input interfaces in burst mode thanks to following
register, else disable this configurability and take embedded default configuration.
Note that this embedded default configuration can be retrieved by user thanks to following
setting :
–
I_AUDIO_CONFIG1 = b00000000;// polarity choice
Bit fields
Comment
LR[4:0]
Position of the data within the LRCK phase :
- if CF1 = 0 (LSB), value must be set to[31 - SL[9:5] - bit position of the first bit
of data within the LRCK phase].
- if CF1 = 1 (MSB), value must be set to bit position of the first bit of data within
the LRCK phase.
Note:
that range of value for this bit position is [0:31].
LR[9:5]
Length-1 of the data.
Max value is 31.
LR[15:10]
Reserved : to be set to 0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com