Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 20Page - STMicroelectronics STA027 Datasheet HTML 21Page - STMicroelectronics STA027 Datasheet HTML 22Page - STMicroelectronics STA027 Datasheet HTML 23Page - STMicroelectronics STA027 Datasheet HTML 24Page - STMicroelectronics STA027 Datasheet HTML 25Page - STMicroelectronics STA027 Datasheet HTML 26Page - STMicroelectronics STA027 Datasheet HTML 27Page - STMicroelectronics STA027 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
5 Register description
STA027
24/44
CD00066274
5.4.4
PCM_CROSS :
Address : 0x69 (105)
Type : RW - DEC
Software Reset : 0
Description :
If OUTPUT_CONF == 1, CR[1:0] is used to configure the output crossbar according following
table
Table 11.
.
5.5
GPSO_CONFIGURATION registers description
5.5.1
OUTPUT_CONF :
Address : 0x66 (102)
Type : RW - DEC
Software Reset : 0
Description
b7
b6
b5
b4
b3
b2
b1
b0
000000
CR1
CR0
CR1
CR0
Comment
00
Left channel is mapped on the left output.
Right channel is mapped on the right output.
0
1
Left channel is duplicated on both output channels.
1
0
Right channel is duplicated on both output channels.
1
1
Right and left channels are toggled.
b7
b6
b5
b4
b3
b2
b1
b0
XXXXX
0C2
OC1
OC0
Table 12.
Bit fields
Comment
OC0
Configuration of gpso :
0 : take embedded default configuration.
1 : configure gpso from register GPSO_CONF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com