Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 1 Page - STMicroelectronics

  STA027 Datasheet HTML 1Page - STMicroelectronics STA027 Datasheet HTML 2Page - STMicroelectronics STA027 Datasheet HTML 3Page - STMicroelectronics STA027 Datasheet HTML 4Page - STMicroelectronics STA027 Datasheet HTML 5Page - STMicroelectronics STA027 Datasheet HTML 6Page - STMicroelectronics STA027 Datasheet HTML 7Page - STMicroelectronics STA027 Datasheet HTML 8Page - STMicroelectronics STA027 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
PRODUCT PREVIEW
Rev 1
September 2005
CD00066274
1/44
44
STA027
SBC CODEC
Features
■ Fully Integrated SBC Encoder And Decoder
■ Operating Modes:
– SBC encoder mode (PCM In/Serial Output)
–
PCM input: 16, 32, 44.1, 48kHz
–
Channel Mode: Mono, Dual,
–Stereo
–
Subbands: 4 OR 8
–
Allocation Methods:
–
Loudness/SNR
– SBC Decoder Mode
–
Serial Input
–
PCM Output: 16, 32, 44.1, 48kHz
■ Digital Volume
■ Bass & Treble Control
■ Serial Bitstream Input/output Interface up to
2Mbit/s
■ Easy Programmable ADC Input Interface
■ Serial PCM Output Interface (I2S and other
Formats)
■ PLL for Internal Clock and for Output PCM
Clock Generation
■ I2C Control Bus
■ Low Power 2.4V CMOS Technology with 3.3V
Tolerant and Capable I/O
Applications
■ bluetooth AV Applications
■ DVD Wirless Speaker Options
■ Wireless Audio Dongle
■ PC Wireless Speakers
■ Generic Compressed Audio LinkS
■ Wireless Headphone/Headsets
Description
STA027 is a fully integrated SBC codec targeting
wireless audio transmission such as DVD rear
channels wireless speakers, USB dongle, PC
wireless speakers. The device is fully controllable
through a standard I2C bus.
Compression Engine
SBC
The SBC Subband Coding engine can be used
when high quality audio is required in wireless
applications (such as Bluetooth). SBC is an audio
coding system specially designed for Bluetooth
AV applications to obtain high quality audio at
medium bit rates, and having a low computational
complexity. SBC uses 4 or 8 subbands, adaptive
bit allocation algorithm, and simple adaptive block
PCM quantizers..
Order codes
TQFP64
Part number
Package
Packing
STA027
TQFP64
Tube
www.st.com


Similar Part No. - STA027

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020 Datasheet
94Kb / 12P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-1999
STA020 STMICROELECTRONICS-STA020 Datasheet
214Kb / 14P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
26-Apr-2010
STA020D STMICROELECTRONICS-STA020D Datasheet
94Kb / 12P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-1999
STA020D STMICROELECTRONICS-STA020D Datasheet
130Kb / 11P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-2002
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-2002
More results

Similar Description - STA027

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6010 ADVANTECH-PCA-6010_11 Datasheet
1Mb / 2P
LGA775 Intel짰 Core?? Duo SBC LGA775 Intel짰 Core?? Duo SBC
logo
AAEON Technology
FSB-B75G AAEON-FSB-B75G Datasheet
295Kb / 2P
Full-Size SBC
FSB-B75G AAEON-FSB-B75G_15 Datasheet
295Kb / 2P
Full-Size SBC
logo
List of Unclassifed Man...
BLC901 ETC2-BLC901 Datasheet
408Kb / 1P
Inter = SBC 901
logo
ADL Embedded Solutions
ADL120S ADL-ADL120S Datasheet
613Kb / 2P
120mm x 120mm Stackable SBC 120mm x 120mm Stackable SBC
logo
VIA Technologies, Inc.
VB9001 VIA-VB9001 Datasheet
456Kb / 2P
3.5 SBC Series
VAB-630 VIA-VAB-630 Datasheet
518Kb / 2P
3.5' SBC Series
logo
Infineon Technologies A...
TLE9461ES INFINEON-TLE9461ES Datasheet
4Mb / 140P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE9471ESV33 INFINEON-TLE9471ESV33 Datasheet
4Mb / 141P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
logo
Advantech Co., Ltd.
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_V01 Datasheet
2Mb / 4P
PICMG1.0 Full-Size SBC PICMG1.0 Full-Size SBC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com