Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA027 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 25Page - STMicroelectronics STA027 Datasheet HTML 26Page - STMicroelectronics STA027 Datasheet HTML 27Page - STMicroelectronics STA027 Datasheet HTML 28Page - STMicroelectronics STA027 Datasheet HTML 29Page - STMicroelectronics STA027 Datasheet HTML 30Page - STMicroelectronics STA027 Datasheet HTML 31Page - STMicroelectronics STA027 Datasheet HTML 32Page - STMicroelectronics STA027 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
STA027
5 Register description
CD00066274
29/44
5.7.3
I_AUDIO_CONFIG_1 :
Address : 0x5B (91)
Type : RW - DEC
Software Reset : 0
Description :
If INPUT_CONF == 1, this register is used to configure BSB bit clock
Table 17.
.
5.8
COMMAND registers description
5.8.1
SOFT_RESET :
Address : 0x10 (16)
Type : WO - DWT
Software Reset : 0
Description :
When user write 1 in this register, a soft reset occurs. The core command register and the
interrupt register are cleared. The decoder goes into idle mode.
5.8.2
CK_CMD :
Address : 0x3A (58)
Type : WO - DBO
Software Reset : 1
Hardware Reset : 1
b7
b6
b5
b4
b3
b2
b1
b0
0000000
CF0
Bit
Comment
CF0
Polarity of bit clock BS_BCK :
0 : data provided on falling edge & stable on rising edge.
1 : data provided on rising edge & stable on falling edge.
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com