Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Clock Sources
All operations including ADC sampling and SPI com-
munications are synchronized to a single system clock.
This clock can be obtained from any one of three selec-
table sources, as shown in Figure 4.
External High-Frequency Crystal
The default system clock source for the MAXQ3180 is
an external high-frequency crystal oscillator circuit con-
nected between XTAL1 and XTAL2. When clocked with
an external crystal, a parallel-resonant, AT-cut crystal
oscillating in the fundamental mode is required. The
typical values of the external load capacitors vary with
the type of crystal being used and should be selected
based on the load capacitance as suggested by the
crystal manufacturer.
When using a high-frequency crystal, the fundamental
oscillation mode of the crystal operates as inductive
reactance in parallel resonance with external capaci-
tors C1 and C2. The typical values of these external
capacitors vary with the type of crystal being used and
should be selected based on the load capacitance as
suggested by the crystal manufacturer.
Since noise at XTAL1 and XTAL2 can adversely affect
device timing, the crystal and capacitors should always
be placed as close as possible to the XTAL1 and
XTAL2 pins, with connection traces between the crystal
and the device kept as short and direct as possible. In
multiple layer boards, avoid running other high-speed
digital signals underneath the crystal oscillator circuit if
possible, as this may inject unwanted noise into the
clock circuit.
Following power-up or any system reset, the high-fre-
quency clock is automatically selected as the system
clock source. However, before this clock can be used
for system execution, a crystal warmup timer must
count 65,536 cycles of the high-frequency clock. While
this warmup time period is in effect, execution contin-
ues using the internal 1MHz oscillator. Once the
65,536-cycle count completes (which requires approxi-
mately 8.2ms at 8MHz), the device automatically
switches over to the high-frequency clock. This crystal
warmup timer is also activated upon exit from Stop
Mode, since the high-frequency crystal oscillator is shut
down during Stop Mode.
External High-Frequency Clock
Instead of using a crystal oscillator to generate the
high-frequency clock, it is also possible to input a high-
frequency clock that has been generated by another
source (such as a digital oscillator IC) directly into the
XTAL1 pin of the MAXQ3180.
To use an external high-frequency clock as the system
clock source, the XTAL1 pin should be used as the
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
11
XTAL IN
RING IN
SYSTEM CLOCK
EXTCLK
STOPM
POR
CLK
ENABLE
WATCHDOG RESET
RING COUNT
INT/EXT
CRYSTAL
STARTUP TIMER
WATCHDOG TIMER
1MHz
INTERNAL
OSCILLATOR
HF
CRYSTAL
ENABLE
CLOCK
GENERATION
Figure 4. Simplified Clock Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com