Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
28
______________________________________________________________________________________
Table 4. RAM Register Summary (continued)
NAME
ADDRESS
(BYTE)
DESCRIPTION
R/W
DEFAULT
VALUE
(HEX)
BITS
NAME
DESCRIPTION
PHASE_B_
KWHIH
478
0x1DE
Amp-Hours
RO
—
15:0
Accumulated amp-hours. Units
defined by KAHT setting.
PHASE_B_
I_GAIN
480
0x1E0
Current Gain
Coefficient
R/W
0x0000
15:0
Signed two’s complement;
Used to correct IRMS:
Y = X x (1 + gain/216)
PHASE_B_
V_GAIN
482
0x1E2
Voltage Gain
Coefficient
R/W
0x0000
15:0
Signed two’s complement;
Used to correct VRMS:
Y = X x (1 + gain/216)
PHASE_B_
E_GAIN_HI
484
0x1E4
Power and
Energy Gain
Coef
R/W
0x0000
15:0
Signed two’s complement;
Used to correct pwr:
Y = X x (1 + gain/216)
PHASE_B_
EOFF_HI
486
0x1E6
Linearity
Coefficient:
High Range
Energy Offset
R/W
0x0000
15:0
Signed two’s complement;
Used to correct energy:
Y = X - Eoff_hi
PHASE_B_
E_GAIN_LO
488
0x1E8
Linearity
Coefficient:
Low Range
Energy Gain
R/W
0x0000
15:0
Signed two’s complement;
Used to correct pwr:
Y = X x (1 + gain/216)
PHASE_B_
EOFF_LO
490
0x1EA
Linearity
Coefficient:
Low Range
Energy Offset
R/W
0x0000
15:0
Signed two’s complement;
Used to correct pwr:
Y = X - Eoff_lo
PHASE_B_
PA_0
492
Phase Angle
Coefficient
R/W
0x0000
15:0
PHASE_B_
PA_1
494
Phase Angle
Coefficient
R/W
0x0000
15:0
PHASE_B_
PA_2
496
Phase Angle
Coefficient
R/W
0x0000
15:0
PHASE_B_
PA_3
498
Phase Angle
Coefficient
R/W
0x0000
15:0
Signed two’s complement;
Y = PA_0 + (PA_1 x X) +
(PA_2 x X2) + (PA_3 x X3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com