Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
25
Table 4. RAM Register Summary (continued)
NAME
ADDRESS
(BYTE)
DESCRIPTION
R/W
DEFAULT
VALUE
(HEX)
BITS
NAME
DESCRIPTION
NOLOAD
138
0x08A
No-Load
Threshold
R/W
0x00F0
15:0
No-load threshold. Default
setting corresponds to 0.5W
NS
140
0x08C
Raw Line-Cycle
Period
R/W
0x00640000
31:0
Number of scan frames per line
cycle, LSB = 2(-16)
15:4
RAW_TEMP
[15:4]
Raw ADC output, proportional to
absolute die temperature
RAW_TEMP
144
0x090
Temperature
Sample
RO
—
3:0
—
Reserved
RESERVED
146–223
—
—
—
—
—
—
PHASE_A_
KWHAP
224
0x0E0
Active Positive
Energy
RO
—
15:0
Accumulated active energy in
positive direction. Units defined
by KWHT setting.
PHASE_A_
KWHAN
226
0x0E2
Active Negative
Energy
RO
—
15:0
Accumulated active energy in
negative direction. Units defined
by KWHT setting.
PHASE_A_
KWHR1
228
0x0E4
Reactive Q1
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 1. Units defined by
KWHT setting.
PHASE_A_
KWHR2
230
0x0E6
Reactive Q2
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 2. Units defined by
KWHT setting.
PHASE_A_
KWHR3
232
0x0E8
Reactive Q3
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 3. Units defined by
KWHT setting.
PHASE_A_
KWHR4
234
0x0EA
Reactive Q4
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 4. Units defined by
KWHT setting.
PHASE_A_
KWHAP
236
0x0EC
Apparent Energy
RO
—
15:0
Accumulated apparent energy.
Units defined by KWHT setting.
PHASE_A_
KWHIH
238
0x0EE
Amp-Hours
RO
—
15:0
Accumulated amp-hours. Units
defined by KAHT setting.
PHASE_A_I
_GAIN
240
0x0F0
Current Gain
Coefficient
R/W
0x0000
15:0
Signed two’s complement;
used to correct IRMS:
Y = X x (1 + gain/216)
PHASE_A_V
_GAIN
242
0x0F2
Voltage Gain
Coefficient
R/W
0x0000
15:0
Signed two’s complement;
used to correct VRMS:
Y = X x (1 + gain/216)
PHASE_A_E
_GAIN_HI
244
0x0F4
Power and
Energy Gain
Coefficient
R/W
0x0000
15:0
Signed two’s complement;
used to correct pwr:
Y = X x (1 + gain/216)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com