Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Virtual Registers
Some register values are not stored in RAM, but instead
are calculated at the master’s request when needed.
These registers, which include power (kW), voltage (V),
and current (A) values, can be read by the master
through the virtual registers listed in Table 5. The
addresses of all virtual registers have the most signifi-
cant bit (bit 11) set to 1. All virtual registers are read only.
Low-Power, Multifunction, Polyphase AFE
32
______________________________________________________________________________________
Table 4. RAM Register Summary (continued)
NAME
ADDRESS
(BYTE)
DESCRIPTION
R/W
DEFAULT
VALUE
(HEX)
BITS
NAME
DESCRIPTION
PHASE_C_
ACT
894
Raw Active
Energy
RO
—
31:0
Per most recent line cycle.
Full-scale = 218 x NS
PHASE_C_
REA
898
Raw Reactive
Energy
RO
—
31:0
Per most recent line cycle.
Full-scale = 218 x NS
PHASE_C_
APP
902
Raw Apparent
Energy
RO
—
31:0
Per most recent line cycle.
Full-scale = 218 x NS
RESERVED
906–943
—
—
—
—
—
—
NEUTRAL_
KWHIH
944
Amp-Hours
RO
—
15:0
Accumulated amp-hours. Units
defined by KAHT setting.
NEUTRAL_I
_GAIN
946
Current Gain
Coefficient
R/W
0x0000
15:0
Signed two’s complement;
Used to correct IRMS:
Y = X x (1 + gain/216)
NEUTRAL_
EOVFL
948
Energy Overflow
Flags
R/W
0x0000
0
IHOF
KWHIH overflow
RESERVED
950–995
—
—
—
—
—
—
NEUTRAL_
IRMS
996
Raw RMS
Current
RO
—
31:0
Per most recent line-cycle.
Full-scale = 230
NEUTRAL_
IH
1000
Raw Amp-Hours
RO
—
31:0
Per most recent line cycle.
Full-scale = 214 x NS
RESERVED
1004–1023
—
—
—
—
—
—
Table 5. Virtual Registers
NAME
ADDRESS
DESCRIPTION
DATA LENGTH
(BYTES)
PWRP.A
0x801
Phase A Active Power. Units defined by PWR_FS setting.
4
PWRP.B
0x802
Phase B Active Power. Units defined by PWR_FS setting.
4
PWRP.C
0x804
Phase C Active Power. Units defined by PWR_FS setting.
4
PWRP.T
0x807
Total A + B + C Active Power. Units defined by PWR_FS setting.
4
PWRQ.A
0x811
Phase A Reactive Power. Units defined by PWR_FS setting.
4
PWRQ.B
0x812
Phase B Reactive Power. Units defined by PWR_FS setting.
4
PWRQ.C
0x814
Phase C Reactive Power. Units defined by PWR_FS setting.
4
PWRQ.T
0x817
Total A + B + C Reactive Power. Units defined by PWR_FS setting.
4
PWRS.A
0x821
Phase A Apparent Power. Units defined by PWR_FS setting.
4
PWRS.B
0x822
Phase B Apparent Power. Units defined by PWR_FS setting.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com