Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXQ3180-RAN+ Datasheet HTML 1Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = VRST to 3.6V, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SPI SLAVE-MODE INTERFACE TIMING
SCLK Input Pulse-Width High
tSCH
4 x
tCLCL
ns
SCLK Input Pulse-Width Low
tSCL
4 x
tCLCL
ns
SSEL Low to First SCLK Edge
(Slave Enable)
tSE
4 x
tCLCL
ns
Last SCLK Edge to SSEL High
(Slave Disable)
tSD
2 x
tCLCL
ns
MOSI Valid to SCLK Sample
Edge (MOSI Setup)
tSIS
3 x
tCLCL
ns
SCLK Sample Edge to MOSI
Change (MOSI Hold)
tSIH
tCLCL
ns
SCLK Shift Edge to MISO Valid
(MISO Hold)
tSOV
3 x
tCLCL
ns
Note 1: Specifications guaranteed by design but not production tested.
Note 2: Conditions abide to Section 5.6.2.1 per IEC 61036.
Note 3: Specifications to -40°C are guaranteed by design and are not production tested.
SPI Slave Mode Timing
SSEL
SHIFT EDGE
SAMPLE EDGE
SCLK
DATA OUTPUT
DATA INPUT
tS
tS
tS
tM
tM
tM
tS
tM
tS
tM
tS
tM
tS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com