Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Yn = Yn-1 + (lpf_b0fns/65,536) x (Xn - Yn-1)
Filter coefficient (lpf_b0fns) is a signed 16-bit value and
can be configured by the master. In the previous equa-
tion, Y denotes the global NS value, and X denotes
individual NS measurements produced by zero-cross-
ing events detected on phase A, B, or C voltage chan-
nel. Note that if all three phase voltages are present,
the filter above receives three inputs each line cycle.
The global NS value is used to generate line-cycle trig-
ger for DSP processing. Note that value NS can be
configured by the master, which may be necessary if
all three voltage signals are lost and no zero crossings
are detected. The line period is then calculated as a
product of NS and the scan slot period tC (stored in the
timing calibration register TIME_FS). The reciprocal of
this value is the line frequency, which can be obtained
as a fixed-point value with 1 LSB = 0.001Hz by reading
the virtual register LINEFREQ.
No-Zero-Crossing Detection
The MAXQ3180 monitors the voltage signal on each
phase for zero-crossing events. If no ascending zero
crossings are detected within a specified number of
analog scan frame periods, the NOZC (STATUS1.11)
flag is set by the MAXQ3180 to notify the master of this
condition. If the interrupt enable bit INT_MASK.11 is set
to 1, the interrupt signal IRQ is driven low by the
MAXQ3180 whenever NOZC = 1. The master can clear
NOZC back to 0 to remove the interrupt condition.
Phase Sequence Errors
A phase sequence error occurs when zero-crossing
events occur on all three phases, but they do not occur
in the expected order. Normally, a zero-crossing event
should occur on the phase A voltage signal, followed
by phase B, phase C, and then phase A again. If a zero
crossing on phase A is then followed immediately by a
zero crossing on phase C (and not by phase B as
expected), this is registered by the MAXQ3180 as a
phase sequence error.
When a phase sequence error occurs, the MAXQ3180
sets the phase sequence error flag SEQERR
(STATUS1.15) to 1. If the corresponding interrupt
enable bit (INT_MASK.15) is also set to 1, the interrupt
signal IRQ is driven low by the MAXQ3180 whenever
SEQERR = 1. The master can clear SEQERR back to 0
to remove the interrupt condition.
RMS Voltage, RMS Current, and Energy Calculation
For each of the three phases, the MAXQ3180 calcu-
lates RMS voltage and RMS current values, as well as
determines active and reactive energy, using a line-
cycle-based integration process.
Power Calculation (Active, Reactive, Apparent)
The power, energy, and RMS calculation process con-
sists of two tasks: continuous accumulation and post-
processing triggered every CYCNT line cycles. The
accumulation task accumulates raw data obtained from
the AFE during CYCNT line cycles. This task is per-
formed continuously in the background by the
MAXQ3180. When a CYCNT line cycles accumulation
stage has completed, which is determined by a dedi-
cated frame counter exceeding the CYCNT x NS level,
the raw integral accumulator values are saved for post-
processing and cleared, beginning the next cycle of
accumulation task. Then, the DSP postprocessing is
triggered to process saved integrals and calculate
energy, power, etc., values. Note that the background
accumulation task continues while foreground postpro-
cessing is taking place, i.e., both tasks are executed
simultaneously sharing CPU time. It is essential that the
DSP postprocessing calculations be completed before
the next DSP trigger to avoid losing accumulated data.
The master should allow enough processing time by
adjusting the R_ADCRATE register. Default settings
provide plenty of CPU time for both tasks.
The MAXQ3180 accumulates raw sums and calculates
line-cycle integrals for each voltage-current pair sepa-
rately. The individual power accumulators are:
• P1 = (VA x IA)
• P2 = (VB x IB) or -IB x (VA + VC) or -IB x VA
• P3 = (VC x IC)
The P1 and P3 accumulators always operate in a single
mode: (VA x IA) for the P1 accumulator, (VC x IC) for
the P3 accumulator. Alternately, the operating mode of
the P2 accumulator is defined by setting bits 0 and 1 in
the CONNCT register as shown in Table 8.
If the CONNCT bits are set to 01b, then the P2 (phase
B) input voltage sample is calculated using an allpass
filter described as:
(VA + VC)n = (AVCO/216)(VCn + VAn-1) +
(AVC1/216)(VCn-1 + VAn)
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
35
Table 8. P2 Power Accumulator Modes
CONNCT[1:0]
P2 OPERATING
MODE
WIRING
CONFIGURATIONS
00b
(VB x IB)
5S/13S 3-Wire Delta,
9S/16S 4-Wire Wye
01b
-IB x (VA + VC)
6S/14S 4-Wire Wye
10b, 11b
-IB x VA
8S/15S 4-Wire Delta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com