Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
13
SCLK CYCLE #
(FOR REFERENCE)
SCLK (CKPOL = 0)
SCLK (CKPOL = 1)
MOSI
(FROM MASTER)
MISO
(FROM SLAVE)
SSEL (TO SLAVE)
1
MSB
6
5
4
3
2
1
LSB
2
3
4
5
6
7
8
6
MSB
*NOT DEFINED BUT NORMALLY MSB OF CHARACTER JUST RECEIVED.
5
4
3
2
1
LSB
*
Figure 5a. SPI Interface Timing (CKPHA = 1). With CKPHA = 1 and CKPOL = 1, the SPI interface clocks data into the peripheral
device on the clock’s rising edge and data out of the peripheral on the clock’s falling edge.
1
MSB
6
5
4
3
2
1
LSB
2
3
4
5
6
7
8
MSB
*
*NOT DEFINED BUT NORMALLY LSB OF PREVIOUSLY TRANSMITTED CHARACTER.
6
5
4
3
2
1
LSB
SCLK CYCLE #
(FOR REFERENCE)
SCLK (CKPOL = 0)
SCLK (CKPOL = 1)
MOSI
(FROM MASTER)
MISO
(FROM SLAVE)
SSEL (TO SLAVE)
Figure 5b. SPI Interface Timing (CKPHA = 0). With CKHPA = 0 and CKPOL = 1, the SPI interface clocks data into the peripheral
device on the clock’s falling edge and data out of the peripheral on the clock’s rising edge.
Transfers over the SPI interface always start with the
most significant bit and end with the least significant
bit. All SPI data transfers to and from the MAXQ3180
are always 8 bits (one byte) in length. The MAXQ3180
SPI interface does not support 16-bit character lengths.
The default format (upon power-up or system reset) for
the MAXQ3180 SPI interface is represented in
Figure 5b (CKPOL = 0; CKPHA = 0). In this format, the
SPI clock idle state is low, and data is shifted in and out
on the rising edge of SCLK. Once SPI communication
with the MAXQ3180 has been established, it is possible
to alter the CKPOL and CKPHA format settings (as well
as changing the SSEL signal from active low to active
high) if desired by writing to the R_SPICF mirror register
and then reading from the special command register
UPD_SFR to copy the R_SPICF value into the internal
SPI configuration register.
Whenever the active clock edge is used for sampling
(CKPHA = 0), the transfer cycle must be started with
assertion of the SSEL signal. This requirement means
that the SSEL signal be deasserted and reasserted
between successive transfers. Conversely, when the
inactive edge is used for sampling (CKPHA = 1), the
SSEL signal may remain low through successive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com