Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
31
Table 4. RAM Register Summary (continued)
NAME
ADDRESS
(BYTE)
DESCRIPTION
R/W
DEFAULT
VALUE
(HEX)
BITS
NAME
DESCRIPTION
PHASE_C_
PA_0
732
Phase Angle
Coefficient
R/W
0x0000
15:0
PHASE_C_
PA_1
734
Phase Angle
Coefficient
R/W
0x0000
15:0
PHASE_C_
PA_2
736
Phase Angle
Coefficient
R/W
0x0000
15:0
PHASE_C_
PA_3
738
Phase Angle
Coefficient
R/W
0x0000
15:0
Signed two’s complement;
Y = PA_0 + (PA_1 x X) +
(PA_2 x X2) + (PA_3 x X3)
15:13, 7:5
—
Reserved
12:8
Mask (enable) bits for flags 4:0,
correspondingly
4
MISVF
Missing voltage flag
3
NOZCF
No zero-crossing flag
2
VSAGF
Voltage sag flag
1
OVF
Overvoltage flag
PHASE_C_
FLAGS
740
Interrupt Flags
R/W
0x0000
0
OCF
Overcurrent flag
7
IHOF
KWHIH overflow
6
APOF
KWHAP overflow
5
R4OF
KWHR4 overflow
4
R3OF
KWHR3 overflow
3
R2OF
KWHR2 overflow
2
R1OF
KWHR1 overflow
1
ANOF
KWHAN overflow
PHASE_C_
EOVFL
742
Energy Overflow
Flags
R/W
0x0000
0
APOF
KWHAP overflow
PHASE_C_
IPK
744
Current Peak
RO
—
15:0
—
PHASE_C_
VPK
746
Voltage Peak
RO
—
15:0
—
RESERVED
748–881
—
—
—
—
—
—
PHASE_C_
IRMS
882
Raw RMS
Current
RO
—
31:0
Per most recent line cycle.
Full-scale = 230
PHASE_C_
VRMS
886
Raw RMS
Voltage
RO
—
31:0
Per most recent line cycle.
Full-scale = 230
PHASE_C_
IH
890
Raw Amp-Hours
RO
—
31:0
Per most recent line cycle.
Full-scale = 214 x NS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com