Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
19
Table 4. RAM Register Summary
NAME
ADDRESS
(BYTE)
DESCRIPTION
R/W
DEFAULT
VALUE
(HEX)
BITS
NAME
DESCRIPTION
15:7, 0
—
Reserved. Should be set to 0.
6
EXTCLK
External clock
5
ACCEN
Enable energy accumulation
4
RST
Software reset
3
CRCEN
Enable CRC
2
LOWPM
LPMM Mode
STATUS0
0
0x000
Status
R/W
0x0000
1
STOPM
Stop Mode
15:10,
7:6, 2:0
—
Reserved. Should be set to 0.
9
TMPC1
Temperature (double)
8
TMPC0
Temperature (single)
5:4
HRM
00: no filter
01: bandpass filter
1x: bandstop filter
OPMODE
2
0x002
Mode of
Operation
R/W
0x0000
3
APPSEL
Select apparent energy:
0: sqrt(P2 + Q2)
1: IRMS x VRMS
Select harmonics filter
15
SEQERR
Phase sequence error
14
VUNBF
Voltage unbalance flag
13
IUNBF
Current unbalance flag
12
MISV
Missed voltage detected
11
NOZC
No zero crossings
10
SAG
Voltage sag detected
9
OV
Overvoltage detected
8
OC
Overcurrent detected
7:6
—
Reserved
5
DCH_Q
Pulse 2 direction change
4
DCH_P
Pulse 1 direction change
3
EOVF
Energy overflow
2
TMRD
Temperature reading ready
1
PWRF
Supply power-fail interrupt
STATUS1
4
0x004
Status.
Device drives
IRQ low when
any bit in this
register is set
and not masked.
R/W
0x0001
0
NOINIT
Not initialized
INT_MASK
6
0x006
Interrupt Mask
(Enable)
R/W
0x0001
Same as STATUS1
Enable corresponding IRQ when
set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com