Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Peak Voltage and Current Detection
The MAXQ3180 records peak current and voltage lev-
els for phase A, phase B, and phase C as follows. The
peak RMS values of the current and voltage within a
fixed number of accumulation cycles are stored in the
IPK and VPK registers for each phase. The values
stored in IPK and VPK represent only the 16 most sig-
nificant bits of the raw RMS registers, i.e., bits 31:16.
The PKCYC register specifies the number of accumula-
tion cycles. Figure 9 illustrates the timing behavior of
the peak current detection; peak voltage detection
works the same way.
Overvoltage and Overcurrent Detection
The MAXQ3180 detects overvoltage and overcurrent
events and can issue interrupt request signals to the
master when these events occur. The overvoltage level
can be programmed into the OVLVL register, while the
overcurrent level is determined by the OCLVL register.
Both OVLVL and OCLVL registers represent the 16
most significant bits of the VRMS or IRMS registers.
Any time the MAXQ3180 detects the RMS-value
exceeding a threshold level, the OV or OC interrupt flag
is set. If enabled, any of these flags issues an interrupt
request. All interrupt flags are “sticky” bits—the
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
39
Table 10. Pulse Output Quantity Selection (continued)
ppppp OR qqqqq
ACCUMULATED VALUE
DESCRIPTION
01010
R1
Reactive quadrant 1 energy
01011
R2
Reactive quadrant 2 energy
01100
R3
Reactive quadrant 3 energy
01101
R4
Reactive quadrant 4 energy
01110
R1 + R3
Absolute inductive energy
01111
R2 + R4
Absolute capacitive energy
Other
Reserved
—
IRMS_1
IRMS_2
CONTENT OF IPK[15:0]
... ...
IRMS_1
IRMS_1
IRMS_1
IRMS_2
CURRENT WAVEFORM
CURRENT RMS
NO. OF
ACC CYCLES
SPECIFIED BY
PKCYC[15:0]
REGISTER
Figure 9. Peak Current-Detection Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com