Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXQ3180-RAN+ Datasheet HTML 1Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = VRST to 3.6V, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL I/O SPECIFICATIONS
Input High Voltage
VIH
0.7 x
DVDD
V
Input Low Voltage
VIL
0.3 x
DVDD
V
Input Hysteresis
VIHYS
DVDD = 3.3V
550
mV
Input Leakage
IL
VIN = GND or DVDD, pullup off
±0.01
±1
μA
Input Low Current
IIL
VIN = 0.4V, weak pullup on
-40
μA
RESET Pullup Resistance
RRESET
27
32
36
k
IOH = -4mA
DVDD -
0.4
Output High Voltage (Except
RESET)
VOH
IOH = -6mA
DVDD -
0.5
V
IOL = 4mA
0.4
Output Low Voltage
VOL
IOL = 6mA
0.5
V
SYSTEM CLOCK SOURCES
External Clock Input Frequency
0
8.12
MHz
External Clock Input Duty Cycle
45
55
%
External HF Crystal Frequency
Fundamental mode
1.00
8.12
MHz
XTAL1, XTAL2 Load
Capacitance
30
pF
Internal RC Oscillator Frequency
7.4
8.0
8.6
MHz
Internal RC Oscillator Drift
250
ppm/
°C
Internal RC Oscillator Current
50
120
μA
ANALOG-TO-DIGITAL CONVERTER
Input Voltage Range
0
2
V
Offset Error
± 2
mV
Offset Error Drift
±8
μV/
°C
Gain Error
0.025
%
Total Harmonic Distortion
THD
Input sine wave f = 1kHz
80
dB
Input Capacitance Differential
(Note 1)
32
pF
Input Bandwidth (-3dB)
(Note 1)
7
kHz
INTERNAL VOLTAGE REFERENCE
Temperature Coefficient
(Note 1)
30
ppm/
°C
Output Voltage
2.048
V
INTERNAL TEMPERATURE SENSOR
Temperature Error
(Note 1)
-4
+4
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com