Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXQ3180-RAN+ Datasheet HTML 1Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
METERING SPECIFICATIONS
(AVDD = DVDD = VRST to 3.6V, Current Channel Dynamic Range 1000:1 at TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on DVDD Relative to DGND .........-0.3V to +4.0V
Voltage Range on AVDD Relative to AGND..........-0.3V to +4.0V
Voltage Range on AGND Relative to DGND ..........0.3V to +0.3V
Voltage Range on AVDD Relative to DVDD ..........-0.3V to +0.3V
Voltage Range on Any Pin Relative to
GND or AGND ...................................................-0.3V to +4.0V
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Soldering Temperature .............................Refer to the IPC/
JEDEC J-STD-020 Specification.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Active Energy Error
DR 1000:1
0.1
%
Reactive Energy Error
DR 1000:1
0.2
%
Apparent Energy Error
DR 1000:1
0.5
%
RMS Voltage Error
DR 20:1
0.5
%
RMS Current Error
DR 500:1
0.5
%
Line Frequency Error
0.5
%
Power Factor Error
0.5
%
Active Energy Error with Harmonic
Components
(Note 2)
0.1
%
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = VRST to 3.6V, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER-SUPPLY SPECIFICATIONS
Digital Supply Voltage
DVDD
VRST
3.6
V
Power-Fail Interrupt Trip Point
VPFW
Active mode, EPWRF = 1
2.84
3.13
V
Power-Fail Reset Trip Point
VRST
Active mode
2.70
2.99
V
Analog Supply Voltage
AVDD
VRST
3.6
V
Analog Supply Current
IAVDD
fCLK = 8MHz
1.1
1.8
mA
Digital Supply Current
IDVDD
fCLK = 8MHz
9.0
14
mA
Low-Power Measurement Mode
Current
ILPMM
LOWPM = 1 (Note 1)
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com