Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
21
Table 4. RAM Register Summary (continued)
NAME
ADDRESS
(BYTE)
DESCRIPTION
R/W
DEFAULT
VALUE
(HEX)
BITS
NAME
DESCRIPTION
3:1
EXCON
External connection:
000: IA
001: VA
010: IC
011: VC
100: IB
101: VB
110: IN
SCAN_0
16
Analog Scan
Configuration
(Slot 0)
R/W
0x0301
0
—
Reserved
SCAN_1
18
0x012
Analog Scan
Configuration
(Slot 1)
R/W
0x0003
Same as SCAN_0
SCAN_2
20
0x014
Analog Scan
Configuration
(Slot 2)
R/W
0x0505
Same as SCAN_0
SCAN_3
22
0x016
Analog Scan
Configuration
(Slot 3)
R/W
0x0207
Same as SCAN_0
SCAN_4
24
0x018
Analog Scan
Configuration
(Slot 4)
R/W
0x0409
Same as SCAN_0
SCAN_5
26
0x01A
Analog Scan
Configuration
(Slot 5)
R/W
0x010B
Same as SCAN_0
SCAN_6
28
0x01C
Analog Scan
Configuration
(Slot 6)
R/W
0x068D
Same as SCAN_0
SCAN_7
30
0x01E
Analog Scan
Configuration
(Slot 7)
R/W
0x08AF
Reserved. Do not modify these bits.
TIME_FS
32
0x020
Timing
Calibration
R/W
0x07D0
15:0
Real-time duration of one scan
frame (R_ADCRATE + 1 system
clocks) in 0.1μs units
VOLT_FS
34
0x022
Voltage
Calibration
R/W
0x81F0
15:0
Voltage conversion coefficient:
reported voltage =
VOLT_FS x VRMS/216
AMP_FS
36
0x024
Current
Calibration
R/W
0x17D8
15:0
Current conversion coefficient:
reported current =
AMP_FS x IRMS/216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com