Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Note that analog scan slot 7 is reserved for temperature
measurements. There is no need to explicitly enable
this measurement slot, since it is automatically activat-
ed when either the TMPC0 (single temperature mea-
surement command) or TMPC1 (double temperature
measurement command) bits are set by the master.
The required time for a each analog scan slot measure-
ment (tC) is determined by the MAXQ3180 system
clock frequency, the setting of the ADC clock division
bits (ADCCD0 and ADCCD1) in the R_ACFG hardware
register, and the setting of the R_ADCRATE hardware
register, as shown in Table 7.
Using the default register settings (ADCCD[1:0] = 00b
and ADCRATE = C7h = 199d), the time for each analog
slot measurement (tC) is 25μs when the MAXQ3180 is
running at 8MHz. Since there are eight analog scan
slots in the measurement frame, the total time for all
measurements (tF) is tC x 8. Using the default settings
with the MAXQ3180 running at 8MHz, the entire
sequence of measurements takes 200μs to complete,
which, in turn, means that 200μs will elapse, for exam-
ple, between one phase A current measurement and
the next.
Even if some of the analog measurement slots (such as
neutral current or temperature measurement) are
skipped by setting the NOCONV bit in that slot’s
SCAN_x register to 1, the time period for that slot will
remain in the frame, ensuring that the total frame time is
always tC x 8, regardless of which individual slots are
enabled or disabled.
Digital Processing
As voltage and current samples are collected, the
MAXQ3180 performs a variety of digital filtering, accu-
mulation, and processing calculations to arrive at
meter-reading values (such as line frequency, RMS
voltage and current, and active and reactive power)
that can then be read by the master. The MAXQ3810
calculates and detects values and conditions including
the following:
• Zero-crossing detection
• Line frequency and line period calculation
• RMS voltage (phase A, phase B, phase C)
• RMS current (phase A, phase B, phase C, neutral
current)
• Power (active, reactive, and apparent) for each
phase
• Energy accumulation (including energy pulse output
function)
• Peak voltage (phase A, phase B, phase C)
• Peak current (phase A, phase B, phase C)
• Voltage sag condition
• Tamper condition detection
Voltage Zero-Crossing Detection
The MAXQ3180 monitors each of the three voltage
input signals (from phase A, phase B, and phase C)
and detects zero-crossing events on each of them indi-
vidually. The sequence of the detected zero crossings
and the intervals between them are then used to calcu-
late additional data.
Before zero-crossing detection is performed, each of
the three voltage inputs (VA, VB, and VC) are passed
through a first-order lowpass filter (LPF) with a cutoff
frequency near 50Hz to reduce harmonics, which can
trigger false zero-crossing events. The master can con-
figure this LPF by setting the register LPF_B0FZC. The
equation for the zero-crossing LPF (for all three voltage
phase inputs) is as follows:
Yn = Yp + (Xn - Yp) x LPF_B0FZC/216
Although the filtered waveform output is not a perfect
sine wave, the LPF ensures that the output has no more
than one ascending zero crossing per line period.
Following the LPF filter processing stage, the
MAXQ3180 scans the voltage signals to detect ascend-
ing zero-crossing events for each voltage phase.
Line Frequency and Period Measurement
For each phase A, B, and C, the MAXQ3180 counts the
number of scan frames (NS) between two consecutive
zero crossings. The NS is a global value, common for
all three phases, and is located in RAM at address
0x08C. Each individual phase A, B, or C zero-crossing
event contributes raw NS count, which plugs as input to
the LPF.
Low-Power, Multifunction, Polyphase AFE
34
______________________________________________________________________________________
Table 7. Analog Scan Slot Time Selection
ADCCD1
ADCCD0
ADC CLOCK DIVISION RATE
ANALOG SCAN SLOT TIME (tC)
0
0
Divide by 1 (default)
1/fCLK x (R_ADCRATE[8:0] + 1)
0
1
Divide by 2
2/fCLK x (R_ADCRATE[8:0] + 1)
1
0
Divide by 4
4/fCLK x (R_ADCRATE[8:0] + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com