Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
16
______________________________________________________________________________________
Optionally, a cyclic redundancy check (CRC) byte can
be appended to each transaction. For write commands,
the CRC byte is sent by the master, and for read com-
mands the CRC byte is sent by the MAXQ3180. The
CRC mode is enabled when the CRCEN bit is set to 1
in STATUS0 register. Otherwise, the MAXQ3180
assumes no CRC byte is used. The 8-bit CRC is calcu-
lated for all bytes in a transaction, from the first com-
mand byte sent by the master through the last data
byte excluding sync bytes, using the polynomial P = x8
+ x5 + x4 + 1. If the transmitted CRC byte does not
match the calculated CRC byte (for a write command),
the MAXQ3180 ignores the command.
The length of the transfer is defined by the first com-
mand byte and the status of the CRCEN bit in the
STATUS0 register. There is no special synchronization
mechanism provided in this simple protocol. Therefore,
the master is responsible for sending/receiving the cor-
rect number of bytes. If the master mistakenly sends
more bytes than are required by the current command,
the extra bytes are either ignored (if the MAXQ3180 is
busy processing the previous command) or are inter-
preted as the beginning of a new command. If the mas-
ter sends fewer bytes than are required by the current
command, the MAXQ3180 waits for approximately
200ms, then drops the transaction and resets the com-
munication channel. The duration of the timeout can be
configured through the COM_TIMO register.
Figures 6 and 7 show typical 2-byte reading and writing
transfers (without CRC byte).
CS
SCLK
MOSI
MISO
READING DATA FROM MAXQ3180 THROUGH SPI INTERFACE
00 01
ADDRESS
DUMMY
DUMMY
DUMMY
DUMMY
0xC1
0xC2
NACK (0x4E)
DATA LSB
DATA MSB
ACK (0x41)
Figure 6. Read SPI Transfer
CS
SCLK
MOSI
MISO
10 01
ADDRESS
DUMMY
DUMMY
0xC1
0xC2
ACK (0x41)
NACK (0x4E)
ACK (0x41)
ACK (0x41)
WRITING DATA TO MAXQ3180 THROUGH SPI INTERFACE
DATA LSB
DATA MSB
Figure 7. Write SPI Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com