Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
27
Table 4. RAM Register Summary (continued)
NAME
ADDRESS
(BYTE)
DESCRIPTION
R/W
DEFAULT
VALUE
(HEX)
BITS
NAME
DESCRIPTION
PHASE_A_
IPK
264
0x108
Current Peak
RO
—
15:0
—
PHASE_A_
VPK
266
0x10A
Voltage Peak
RO
—
15:0
—
RESERVED
268–401
—
—
—
—
—
—
PHASE_A_
IRMS
402
0x192
Raw RMS
Current
RO
—
31:0
Per most recent line cycle.
Full-scale = 230
PHASE_A_
VRMS
406
0x196
Raw RMS
Voltage
RO
—
31:0
Per most recent line cycle.
Full-scale = 230
PHASE_A_
IH
410
0x19A
Raw Amp-Hours
RO
—
31:0
Per most recent line cycle.
Full-scale = 214 x NS
PHASE_A_
ACT
414
0x19E
Raw Active
Energy
RO
—
31:0
Per most recent line cycle.
Full-scale = 218 x NS
PHASE_A_
REA
418
0x1A2
Raw Reactive
Energy
RO
—
31:0
Per most recent line cycle.
Full-scale = 218 x NS
PHASE_A_
APP
422
0x1A6
Raw Apparent
Energy
RO
—
31:0
Per most recent line cycle.
Full-scale = 218 x NS
RESERVED
426–463
—
—
—
—
—
—
PHASE_B_
KWHAP
464
0x1D0
Active Positive
Energy
RO
—
15:0
Accumulated active energy in
positive direction. Units defined
by KWHT setting.
PHASE_B_
KWHAN
466
0x1D2
Active Negative
Energy
RO
—
15:0
Accumulated active energy in
negative direction. Units defined
by KWHT setting.
PHASE_B_
KWHR1
468
0x1D4
Reactive Q1
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 1. Units defined by
KWHT setting.
PHASE_B_
KWHR2
470
0x1D6
Reactive Q2
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 2. Units defined by
KWHT setting.
PHASE_B_
KWHR3
472
0x1D8
Reactive Q3
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 3. Units defined by
KWHT setting.
PHASE_B_
KWHR4
474
0x1DA
Reactive Q4
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 4. Units defined by
KWHT setting.
PHASE_B_
KWHAP
476
0x1DC
Apparent Energy
RO
—
15:0
Accumulated apparent energy.
Units defined by KWHT setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com