Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
42
______________________________________________________________________________________
Table 13. Virtual Register Coefficients
VIRTUAL
REGISTER
INPUT
RESOLUTION IN
METER UNITS
(1 LSB)
OUTPUT
RESOLUTION (1
LSB), DEFINED BY
USER
COEFFICIENT
DEFAULT OUTPUT
RESOLUTION
(1 LSB)
DEFAULT
COEFFICIENT
Power,
0x 801–827
E_res = IFS x
VFS/218
P_res
PWR_FS = 216 x
E_res/P_res
1W
PWR_FS = 0x3539
Voltage,
0x 831–834
Vrms_res = VFS/230
V_res
VOLT_FS = 216 x
V_res/Vrms_res
1μV
VOLT_FS = 0x81F0
Current,
0x 831–834
Irms_res = IFS/230
I_res
AMP_FS = 216 x
I_res/Irms_res
1μA
AMP_FS = 0x17D8
When reading virtual registers, the MAXQ3180 uses the
configurable coefficients TIME_FS, VOLT_FS, AMP_FS,
and PWR_FS to return meaningful data. However, the
user must first configure these coefficients. Table 13
describes how to set the coefficients.
Temperature Measurement
The MAXQ3180 only measures the die temperature
when commanded by the master. To activate tempera-
ture measurement, the master must write one of the
TMPC[1:0] bits in the OPMODE register. When TMPC0
is set to 1, the MAXQ3180 performs a single tempera-
ture conversion by forcing bias currents 1μA and 16μA
through a pair of diode stacks, placing the result in the
RAW_TEMP register and automatically clearing the
TMPC0 bit to 0. When TMPC1 is written to 1, the
MAXQ3180 performs two consecutive temperature con-
versions. The first conversion is the same as previously
stated with 1μA and 16μA bias currents, and the sec-
ond conversion uses reversed 16μA and 1μA bias cur-
rents. The average of the two measurements is placed
in the RAW_TEMP register, and then both TMPC bits
are cleared. Double measurement cancels possible off-
set incidental to single measurement and thus
improves accuracy. The RAW_TEMP register returns
raw ADC sample proportional to absolute temperature.
Conversion to meaningful scale (°F, °C, or °K) should
be done by the master as needed. When finished, the
MAXQ3180 sets the temperature ready flag, TMRD, in
the STATUS1 register. This flag signals an interrupt
request to the master if enabled. The master can then
read the TEMP register and clear the TMRD status flag.
Typical Calibration Procedure
for MAXQ3180
The MAXQ3180 should be calibrated at the user’s fac-
tory and the calibration constants stored in nonvolatile
memory by the host microcontroller. Upon any reset or
loss of power, the host microcontroller must reload the
MAXQ3180 with the calibration constants.
The calibration procedure consists of three passes, one
per each phase A, B, and C. Each pass applies the
same calibration procedure to a single phase, consist-
ing of the following items:
• Current Gain Calibration
• Voltage Gain Calibration
• Power Gain Calibration
• Power Linearity Calibration
• Phase Angle Calibration
Each item requires one or more signals be applied to
the meter’s inputs, then the output to be measured. The
calibration coefficients are then calculated, verified,
and loaded into the MAXQ3180’s RAM registers. The
power linearity calibration and the phase angle calibra-
tion can be performed in any order.
Current Gain Calibration
To perform the current gain calibration, all three phase
voltages 220V should be applied. Only one current sig-
nal of max amplitude (IMAX) is applied to the phase
input being calibrated. From the view of the MAXQ3180
pins, the other current inputs should be grounded or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com