Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
MAXQ3180 never clears them on its own unless a reset
occurs. The interrupt flags should be cleared by the
master by writing the appropriate register.
The configuration bits OVEN and OCEN allow enable-
or disable-monitoring the overvoltage and overcurrent
events on each phase independently.
Voltage Sag Detection
The MAXQ3180 detects voltage sag events and can
issue interrupt request signals to the master when
these events occur. The sag level threshold is deter-
mined by the setting of the SAGLVL register. The
SAGLVL register represents the 16 most significant bits
of a raw VRMS register. A voltage sag event is detect-
ed if the RMS-voltage value remains below the SAGLVL
threshold for the number of line cycles specified in the
SAGCYC register. The flags SAGA, SAGB, and SAGC
are set when voltage sag is detected on phase A, B, or
C, respectively. If enabled, any of these flags issues an
interrupt request when they are set to 1.
Tamper Condition Detection
The MAXQ3180 detects and reports the following tam-
per conditions:
• Missing Potential. The MAXQ3180 detects a miss-
ing potential condition if a phase voltage waveform
either has a magnitude less than 10% of the full-
scale range or has no zero crossings, i.e., the entire
waveform lies above or below zero. The MISVF bit is
set in the FLAGS status register for phase A, B, or C
to report a missing potential condition. Also, the
MISV flag bit is set in the STATUS1 register, which
can cause an interrupt request signal if enabled.
• Voltage Unbalance. The MAXQ3180 detects a volt-
age unbalance condition if the sum of all three volt-
age signals (e.g., VA + VB + VC) has a magnitude
greater than VUBLVL/2. The VUBLVL register repre-
sents the 16 most significant bits of the raw VRMS
register. The VUNBF flag is set in the STATUS1 reg-
ister to report voltage unbalance. This can cause an
interrupt request signal if enabled.
• Current Unbalance. The MAXQ3180 detects a cur-
rent unbalance condition if the sum of current signals
IA + IB + IC has a magnitude greater than IUBLVL/2.
The IUBLVL register represents the 16 most significant
bits of a raw IRMS register. The IUNBF flag is set in
the STATUS1 register to report a current unbalance.
Meter Units to Real Units Conversion
All energy calculations, including various threshold
checks, are performed internally in fixed format in
meter units. Therefore, the threshold values must be
supplied by the user in meter units as well. This section
describes how to convert real units (V, A, kWh, etc.)
into meter units and vice versa.
The conversion factors are based on the settings
shown in Table 11, defined by the user’s design.
Meter units are defined with respect to the base para-
meters in Table 11 as shown in Table 12.
Low-Power, Multifunction, Polyphase AFE
40
______________________________________________________________________________________
Table 11. Meter to Real Units Conversion
NAME
DESCRIPTION
DEFAULT VALUE
tFR
Analog scan frame timing. This parameter is defined by the R_ADCRATE setting and
system clock frequency fSYS:
tFR = (R_ADCRATE + 1) x 8/fSYS
Default conditions are R_ADCRATE = 199, fSYS = 8MHz.
200μs/frame
NS
Number of frames per line cycle. This parameter is defined by nominal line frequency fLINE
and frame timing tFR:
NS = 1/(tFR x fLINE)
Default conditions are tFR = 200μs, fLINE = 50Hz.
100 frames/
line cycle
VFS
Full-scale voltage. This is the input voltage that produces full-scale ADC output: 2048 LSB
for positive or -2048 LSB for negative, total 12-bit range. This parameter is defined by the
hardware voltage transducer ratio VTR and ADC full-scale input voltage VFSADC:
VFS = VFSADC x VTR
Default conditions are VFSADC = 1V, VTR = 545V/V (for reference meter design).
545V
IFS
Full-scale current. This is the input current that produces full-scale ADC output: 2048 LSB
for positive or -2048 LSB for negative, total 12-bit range. This parameter is defined by the
hardware current transducer ratio ITR and ADC full-scale input voltage VFSADC:
IFS = VFSADC x ITR
Default conditions are VFSADC = 1V, ITR = 100A/V (for reference meter design).
100A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com