Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
33
Table 5. Virtual Registers (continued)
NAME
ADDRESS
DESCRIPTION
DATA LENGTH
(BYTES)
PWRS.C
0x824
Phase C Apparent Power. Units defined by PWR_FS setting.
4
PWRS.T
0x827
Total A + B + C Apparent Power. Units defined by PWR_FS setting.
4
V.A
0x831
Phase A RMS-Voltage. Units defined by VOLT_FS setting.
4
V.B
0x832
Phase B RMS-Voltage. Units defined by VOLT_FS setting.
4
V.C
0x834
Phase C RMS-Voltage. Units defined by VOLT_FS setting.
4
I.A
0x841
Phase A RMS-Current. Units defined by AMP_FS setting.
4
I.B
0x842
Phase B RMS-Current. Units defined by AMP_FS setting.
4
I.C
0x844
Phase C RMS-Current. Units defined by AMP_FS setting.
4
LINEFREQ
0x851
Line Frequency; LSB = 0.001Hz.
4
VBPH
0x852
Voltage B Phase Delay to Voltage A; LSB = 0.01
°.
4
VCPH
0x854
Voltage C Phase Delay to Voltage A; LSB = 0.01
°.
4
PF.A
0x861
Phase A Power Factor; Two’s Complement, LSB = 0.00001.
4
PF.B
0x862
Phase B Power Factor; Two’s Complement, LSB = 0.00001.
4
PF.C
0x864
Phase C Power Factor; Two’s Complement, LSB = 0.00001.
4
PF.T
0x867
Total A + B + C Power Factor; Two’s Complement, LSB = 0.00001.
4
Table 6. Virtual Register with Special Commands
NAME
ADDRESS
DESCRIPTION
DATA LENGTH
(BYTES)
UPD_SFR
0x900
Copy mirror registers (R_ADCF, R_ADCRATE, R_ADCACQ, R_SPICF) into
hardware SFR registers. Read dummy data.
1
UPD_MIR
0xA00
Copy hardware SFR registers into mirror registers (R_ADCF, R_ADCRATE,
R_ADCACQ, R_SPICF). Read dummy data.
1
Special Commands
Some virtual registers trigger special commands when
read by the master (Table 6). Writing these registers has
no effect. All reads from these registers return dummy
data.
Analog Front-End Processing
Whenever the MAXQ3180 is in one of the active operat-
ing modes (Run Mode or LPMM Mode), the analog
front-end operates continuously, scanning through up to
eight scan slots depending on the selected front-end
configuration. For each analog scan slot that is enabled,
one of the eight differential input pairs is measured.
The SCAN_0 to SCAN_7 registers contain the settings
for each slot, which include whether the slot is enabled,
the differential input pair to measure during that scan
slot, and the logical mapping of that slot. One typical
configuration might be:
• Slot 0—Phase A Current (IA)
• Slot 1—Phase A Voltage (VA)
• Slot 2—Phase C Current (IC)
• Slot 3—Phase C Voltage (VC)
• Slot 4—Phase B Current (IB)
• Slot 5—Phase B Voltage (VB)
• Slot 6—Neutral Current (IN)—disabled by default
• Slot 7—Temperature Measurement—normally dis-
abled, activated when TMPC0 or TMPC1 is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com