Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 46Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 47Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 48Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
the
Voltage Gain Calibration section, and tFR is
the sampling time that depends on the
MAXQ3180 system clock frequency and sam-
pling rate register setting (ADCRATE):
tFR = (ADCRATE + 1) x 8/fSYS
For example, for the default conditions
ADCRATE = 199 and fSYS = 8MHz, then tFR =
200μs = 55.55nh. Using typical example values
IFS = 100A and VFS = 545V, the formula for the
threshold can be transformed into the following:
Typical (THR1 or THR2) = 86,579,669,725/MC
Note: Threshold is a 32-bit register, which
imposes a limitation on the minimal meter con-
stant to avoid overflow.
When the PLSCFG and THR1 (or THR2) regis-
ters are set, the pulse output error can be mea-
sured by tester equipment. That error is usually
expressed as % of the expected power.
3) If choice 2a was made (apparent energy by read-
ing RAM register), then perform step 3.
Calculate expected raw energy value using the
following proportion:
Full_scale voltage x Full_scale_current: pro-
duce FS_raw_pwr = 218/(fLINE x tFR)
V_input_voltage x I_input_current: produce
Expected_raw_pwr
Here, Full_scale_voltage, Full_scale_current, and
tFR are the same as described above, fLINE is the
line frequency of the input voltage, typically 50Hz
or 60Hz.
4) Calculate E_gain coefficient:
a) If output was measured by reading RAM register:
E_gain = [(Expected_raw_pwr/
Measured_raw_pwr) - 1] x 216
b) If output was measured through pulse output
error:
E_gain = (216) x (-Measured_Error%)/
(100% +Measured_Error%)
Note: All intermediate calculations should be
performed with double precision, the last result
rounded to the nearest integer.
Power Linearity Calibration
This calibration compensates for nonlinearity over the
range and requires at least four power measurements
at different loads. To perform the power linearity cali-
bration, all three phase voltages 220V must be applied.
Only one current signal is applied to the phase input
being calibrated. The current sine wave should be in
phase with the corresponding voltage sine wave, i.e.,
power factor 1. Other current inputs should be 0.
1) Clear the Eoff_hi, Gain_lo, and Eoff_lo coefficients
being calibrated to 0x0000.
2) Make power measurements.
a) First power measurement. Apply current input
signal of the RMS value close to IFS/21.5 to the
phase input being calibrated. For example, typ-
ical target value is 100/21.5 = 35.36A, so rea-
sonable input current is 30A or 40A. Measure
average raw apparent energy by reading the
RAM register several times. Denote applied
current as I1 and measured power as P1 for
future reference.
b) Second power measurement. Apply current
input signal of the RMS value close to IFS/24.5
to the phase input being calibrated. For exam-
ple, typical target value is 100/24.5 = 4.42A, so
reasonable input current is 4A or 5A. Measure
average raw apparent energy by reading the
RAM register several times. Denote applied
current as I2 and measured power as P2 for
future reference.
c) Third power measurement. Apply current input
signal of the RMS value close to IFS/26.5 to the
phase input being calibrated. For example, typ-
ical target value is 100/26.5 = 1.10A, so reason-
able input current is 1A. Measure average raw
apparent energy by reading the RAM register
several times. Denote applied current as I3 and
measured power as P3 for future reference.
d) Fourth power measurement. Apply current
input signal of the RMS value close to IFS/29.5
to the phase input being calibrated. For exam-
ple, typical target value is 100/29.5 = 0.14A, so
reasonable input current is 0.1A or 0.2A.
Measure average raw apparent energy by
reading the RAM register several times. Denote
applied current as I4 and measured power as
P4 for future reference.
Low-Power, Multifunction, Polyphase AFE
44
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com