Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 46Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 47Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 48Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
3) Measure average raw VRMS by reading the RAM
register several times.
4) Measure average NS by reading the RAM register
several times.
5) Calculate coefficient K = [NS/216] x [VRMS/216]/216.
6) Calculate Eoff_hi coefficient:
Eoff_hi = [(P2 x I1 - P1 x I2)/(I1 - I2)])/K.
7) Calculate Eoff_lo coefficient:
Eoff_lo = [(P4 x I3 - P3 x I4)/(I3 - I4)]/K.
8) Calculate Gain_lo coefficient (using calculated
above Eoff_hi, Eoff_lo, and K):
Gain_lo = ({(I3/I1) x (P1 + K x Eoff_hi)/
(P3 + K x Eoff_lo)} – 1) x 216
Note: All intermediate calculations should be per-
formed with double precision, the last result rounded to
the nearest integer. Eoff_hi, Gain_lo, and Eoff_lo are 16-
bit signed coefficients. If a calculated value exceeds 16
bits, the part cannot be calibrated. In this case, assign
the largest possible value, i.e., 0x7FFF for positive over-
flow or 0x8000 for negative overflow.
Phase Angle Calibration
This calibration is intended to compensate for phase
angle errors across the range of input loads. The
MAXQ3180 uses four PA_n coefficients to calculate the
compensation phase angle as a 3rd-order polynomial:
compensation_phase_angle =
PA_0 + (PA_1 x X) + (PA_2 x X2) + (PA_3 x X3)
Where X is proportional to the logarithm of raw IRMS.
Full calibration of all four coefficients requires at least
four measurements of the phase angle across the
range. However, in most cases, only one coefficient
PA_0 is needed that requires at least one phase angle
measurement.
For input signals, all three phase nominal voltages
220V should be applied. Only one current signal is
applied to the phase input being calibrated. Other cur-
rent inputs should be 0.
Phase Angle Error Measurement
This calibration procedure requires measuring the
phase angle error of the meter’s output at the given
current input level I_in. This can be done in two ways:
(I) by reading raw RAM registers, or (II) by measuring
pulse output errors at different power factors.
Measurement Technique I: Measure Output Phase
Angle Error by Reading RAM Registers
1) Measure average raw active power by reading the
RAM registers several times.
2) Measure average raw reactive power by reading
the RAM registers several times.
3) Calculate output phase angle:
output_PA = atan(Reactive_raw_pwr/
Active_raw_pwr)
4) Calculate output phase angle error:
output_PA_error = output_PA - input_PA
Measurement Technique II: Measure Output Phase
Angle Using Pulse Output
Before the pulse output can be measured, the pulse
configuration registers PLSCFG and THR1 (or THR2)
must be properly configured. The pulse output should
be set to active power. For details on how to set those
registers, see the
Power Gain Calibration section.
1) Apply input signal with power factor 1 (input
phase angle 0
°) to the meter’s inputs. Measure
pulse output error for active power, in percent.
Denote it as Err00 for future reference.
2) Apply input signal with power factor 0.5L (input
phase angle 60
°) to the meter’s inputs. Measure
pulse output error for active power, in percent.
Denote it as Err60 for future reference.
3) Calculate output phase angle error:
output_PA_error = atan{(1/sqrt(3)) x
(Err00 – Err60)/(100% + Err00)}
Phase Angle Calibration Procedure
1) Clear PA_0, PA_1, PA_2, PA_3 coefficients being
calibrated to 0x0000.
2) Phase angle error measurement.
a) Apply current input signal of the RMS value close
to IFS/21.5 to the phase input being calibrated.
For example, typical target value is 100/21.5 =
35.36A, so reasonable input current is 30A or
40A. Measure the output phase angle error as
described above. Denote applied current as I1
and measured phase angle error expressed in
radians as PAerr1 for future reference.
b) Measure average raw IRMS by reading the
RAM register several times. Denote this as
I1_raw for future reference.
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com